Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHE1H102MHD6 Datasheet(PDF) 3 Page - Nichicon corporation

Part # UHE1H102MHD6
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UHE1H102MHD6 Datasheet(HTML) 3 Page - Nichicon corporation

  UHE1H102MHD6 Datasheet HTML 1Page - Nichicon corporation UHE1H102MHD6 Datasheet HTML 2Page - Nichicon corporation UHE1H102MHD6 Datasheet HTML 3Page - Nichicon corporation UHE1H102MHD6 Datasheet HTML 4Page - Nichicon corporation UHE1H102MHD6 Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
HE
series
47
56
100
120
220
330
470
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
470
560
101
121
221
331
471
681
821
102
122
152
182
222
272
332
392
472
562
682
822
103
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
12.5
× 15
10
× 25
10
× 31.5
12.5
× 20
16
× 15
12.5
× 25
18
× 15
12.5
× 31.5
16
× 20
12.5
× 35.5
12.5
× 40
16
× 25
16
× 20
16
× 31.5
18
× 25
16
× 35.5
18
× 31.5
16
× 40
18
× 35.5
18
× 40
0.58
0.22
0.13
0.087
0.080
0.069
0.060
0.046
0.049
0.042
0.031
0.035
0.042
0.027
0.043
0.024
0.027
0.020
0.017
0.021
0.026
0.017
0.019
0.015
0.015
0.013
0.014
0.012
2.3
0.87
0.52
0.35
0.32
0.27
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.089
0.11
0.078
0.078
0.065
0.056
0.060
0.067
0.050
0.049
0.044
0.040
0.038
0.038
0.032
210
340
640
840
865
1050
1210
1400
1450
1650
1910
1900
1940
2230
2210
2650
2530
2880
3350
2930
2860
3450
3140
3610
4170
4080
4220
4280
5
× 11
6.3
× 11
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
12.5
× 15
10
× 25
10
× 31.5
12.5
× 20
16
× 15
18
× 15
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
18
× 20
12.5
× 40
16
× 25
16
× 31.5
18
× 25
16
× 35.5
18
× 31.5
16
× 40
18
× 35.5
18
× 40
0.58
0.22
0.13
0.087
0.080
0.069
0.06
0.046
0.049
0.042
0.031
0.035
0.042
0.043
0.027
0.024
0.027
0.020
0.026
0.017
0.021
0.017
0.019
0.015
0.015
0.013
0.014
0.012
2.3
0.87
0.52
0.35
0.32
0.27
0.24
0.18
0.16
0.17
0.12
0.12
0.12
0.11
0.089
0.078
0.078
0.065
0.067
0.056
0.060
0.050
0.049
0.044
0.040
0.038
0.038
0.032
210
340
640
840
865
1050
1210
1400
1450
1650
1910
1900
1940
2210
2230
2650
2530
2880
2860
3350
2930
3450
3140
3610
4170
4080
4220
4280
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
16 (1C)
Case size
φD
× L
(mm)
Rated ripple
(mArms)
105˚C / 100kHz
20˚C / 100kHz –10˚C / 100kHz
Impedance (
Ω) MAX.
25 (1E)
V (Code)
Item
Code
Cap.(
µF)
: In this case, 6 will be put 12th digit type numbering system.
: In this case, 3 will be put 12th digit type numbering system.
Standard Ratings
CAT.8100B


Similar Part No. - UHE1H102MHD6

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UHE1H102MHD NICHICON-UHE1H102MHD Datasheet
1Mb / 5P
   Miniature Sized, Low Impedance, High Reliability
UHE1H102MHD3 NICHICON-UHE1H102MHD3 Datasheet
75Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
UHE1H102MHD3 NICHICON-UHE1H102MHD3 Datasheet
75Kb / 5P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UHE1H102MHD6

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com