Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSF1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RSF1
Description  Lower-cost alternative to carbon comps and wirewounds
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RSF1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RSF1 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSF1 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSF1 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSF1 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev Date: 03/12/2014
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
RSF/RSMF Series
General Purpose Metal Oxide Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
0
200
220
240
235
100
120
140
160
180
Ambient Temperature (ºC)
-60
0
20
40
60
80
100
-55ºC
70ºC
80
60
40
20
RSF1, RSF2, RSF3, RSF5
RSMF2, RSMF3, RSMF5
RSF12
RSMF12, RSMF1
0.35 ± 0.04
0.13 ± 0.03
1.10 ± 0.12
0.03 ± 0.003
0.250
inches
9.00 ± 1.00
3.20 ± 0.80
28.00 ± 3.00
0.70 ± 0.08
6.35
mm
0.43 ± 0.06
0.18 ± 0.04
1.10 ± 0.20
0.03 ± 0.002
0.250
inches
11.00 ± 1.50
4.50 ± 1.00
28.00 ± 5.00
0.80 ± 0.05
6.35
mm
0.59 ± 0.06
0.22 ± 0.04
1.18 ± 0.20
0.03 ± 0.004
0.250
inches
15.00 ± 1.50
5.50 ± 1.00
30.00 ± 5.00
0.75 ± 0.10
6.35
mm
0.69 ± 0.04
0.24 ± 0.02
1.38 ± 0.12
0.03 ± 0.002
0.250
inches
17.50 ± 1.00
6.00 ± 0.50
35.00 ± 3.00
0.80 ± 0.05
6.35
mm
0.96 ± 0.04
0.31 ± 0.02
1.38 ± 0.12
0.03 ± 0.002
0.250
inches
24.50 ± 1.00
8.00 ± 0.50
35.00 ± 3.00
0.80 ± 0.05
6.35
mm
0.24 ± 0.03
0.09 ± 0.01
1.10 ± 0.12
0.02 ± 0.003
0.250
inches
6.00 ± 0.80
2.30 ± 0.30
28.00 ± 3.00
0.55 ± 0.07
6.35
mm
0.35 ± 0.04
0.13 ± 0.03
1.10 ± 0.12
0.03 ± 0.003
0.250
inches
9.00 ± 1.00
3.20 ± 0.80
28.00 ± 3.00
0.70 ± 0.08
6.35
mm
0.43 ± 0.06
0.18 ± 0.04
1.18 ± 0.20
0.03 ± 0.002
0.250
inches
11.00 ± 1.50
4.50 ± 1.00
30.00 ± 5.00
0.80 ± 0.05
6.35
mm
0.59 ± 0.06
0.22 ± 0.04
1.18 ± 0.20
0.03 ± 0.004
0.250
inches
15.00 ± 1.50
5.50 ± 1.00
30.00 ± 5.00
0.75 ± 0.10
6.35
mm
0.69 ± 0.04
0.24 ± 0.02
1.38 ± 0.08
0.03 ± 0.002
0.250
inches
17.50 ± 1.00
6.00 ± 0.50
35.00 ± 2.00
0.80 ± 0.05
6.35
mm
RSF12
RSF1
RSF2
RSF3
RSMF3
RSMF5
RSF5
RSMF12
RSMF1
RSMF2
Type / Code
A
B
C
D
Unit
Body Length
Body Diameter
Lead Length (Bulk)
Lead Diameter
Lead-Tape
Specification
Power Derating Curve:
Mechanical Specifications


Similar Part No. - RSF1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSF1 ETC2-RSF1 Datasheet
205Kb / 4P
   General Purpose Metal Oxide Resistor
logo
Stackpole Electronics, ...
RSF1 SEI-RSF1 Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
logo
Cynergy3 Co
RSF10 CYNERGY3-RSF10 Datasheet
465Kb / 1P
   high level switch for boiling water
logo
List of Unclassifed Man...
RSF100 ETC1-RSF100 Datasheet
46Kb / 2P
   FLAME-PROOF TYPE
logo
Cynergy3 Co
RSF100 CYNERGY3-RSF100 Datasheet
52Kb / 1P
   External mount miniature vertical switch
More results

Similar Description - RSF1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSMF1JTR510 ETC2-RSMF1JTR510 Datasheet
205Kb / 4P
   Lower-cost alternative to carbon comps and wirewounds
logo
DB Lectro Inc
1E-12G DBLECTRO-1E-12G Datasheet
598Kb / 2P
   A low cost alternative to memory inspection systems.
logo
RFHIC
AE510 RFHIC-AE510 Datasheet
1Mb / 6P
   Lower manufacturing cost
AE512 RFHIC-AE512 Datasheet
1Mb / 6P
   Lower manufacturing cost
logo
Ferroxcube Internationa...
4S2F FERROXCUBE-4S2F Datasheet
1Mb / 6P
   The cost effective EMI suppression alternative
logo
Bel Fuse Inc.
A41 BEL-A41 Datasheet
1Mb / 3P
   International Standards at Lower Cost and Better Performance
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
   International Standards at Lower Cost and Better Performance
logo
Bel Fuse Inc.
A41-L BEL-A41-L Datasheet
1,017Kb / 3P
   International Standards at Lower Cost and Better Performance
logo
TT Electronics.
DIV23 TTELEC-DIV23 Datasheet
510Kb / 3P
   Superior alternative to matched sets
logo
Welwyn Components Limit...
PLO WELWYN-PLO Datasheet
189Kb / 1P
   Low Resistance Power Wirewounds
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com