Electronic Components Datasheet Search |
|
OPB992N11 Datasheet(PDF) 5 Page - OPTEK Technologies |
|
OPB992N11 Datasheet(HTML) 5 Page - OPTEK Technologies |
5 / 7 page OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue C.1 1/10 Page 5 of 6 Photologic ® Slotted Optical Switch OPB960, OPB970, OPB980, OPB990 Series OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible. Electrical Characteristics (TA = -40° C to +70° C unless otherwise noted) SYMBOL PARAMETER MIN TYP MAX UNITS TEST CONDITIONS Input Diode (See OP140 / OP240 LED for additional information) VF Forward Voltage - - 1.70 V IF = 20 mA, TA = 25° C IR Reverse Current - - 100 µA VR = 2.0 V, TA = 25° C Coupled (See OPL560 Detector for additional information) VCC Operating D.C. Supply Voltage 4.5 - 16 V ICC Supply Current - - 12 mA VCC = 4.5V to 16V VOL Low Level Output Voltage: Buffer Totem-Pole OPB960,OPB970 OPB980,OPB990 Buffer Open-Collector OPB961,OPB971 OPB981,OPB991 - - 0.4 V VCC = 4.5V, IOL = 12.8mA IF = 0 mA (14) Inverter Totem-Pole OPB962,OPB972 OPB982,OPB992 Inverter Open-Collector OPB963,OPB973 OPB983,OPB993 VCC = 4.5V, IOL = 12.8mA IF = 15 mA VOH High Level Output Voltage: Buffer Totem-Pole OPB960,OPB970 OPB980,OPB990 VCC -2.1 - - V VCC = 4.5V to 16V, IOH = -800µA IF = 15 mA Inverter Totem-Pole OPB962,OPB972 OPB982,OPB992 VCC = 4.5V to 16V, IOH = -800µA IF = 0 mA (14) IOH High Level Output Current: Buffer Open-Collector OPB961,OPB971 OPB981,OPB991 - - 100 µA VCC = 4.5V to 16V, VOH = 30V IF = 15 mA Inverter Open-Collector OPB963,OPB973 OPB981,OPB991 VCC = 4.5V to 16V, VOH = 30V IF = 0 mA (14) IF(+) LED Positive-Going Threshold Current(16) - - 15 mA VCC = 5.0V, TA = 25° C IF(+) / IF(-) Hysteresis Ratio - 1.5 - - VCC = 5.0V tR, tF Output Rise Time, Output Fall Time - 70 - ns tPLH, tPHL Propagation Delay Time Low to High, High to Low - 5.0 - µs VCC = 5.0V, IF peak= 15 mA, TA = 25° C 100 kHz square wave, C = 10pF max. RL = 360 Ω to GND (Totem-Pole) RL = 1KΩ pull-up (Open-Collector) Notes: 14) Normal application would be with light source blocked, simulated by IF = 0 mA. 15) All parameters are tested using pulse techniques. 16) An increasing current applied to the LED which causes the output logic state to change. For proper application IF(+), LED current, should be more than the stated maximum. |
Similar Part No. - OPB992N11 |
|
Similar Description - OPB992N11 |