Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC5-XX09DRW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # REC5-XX09DRW
Description  High 4kVDC 6kVDC Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

REC5-XX09DRW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  REC5-XX09DRW Datasheet HTML 1Page - List of Unclassifed Manufacturers REC5-XX09DRW Datasheet HTML 2Page - List of Unclassifed Manufacturers REC5-XX09DRW Datasheet HTML 3Page - List of Unclassifed Manufacturers REC5-XX09DRW Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E-150
www.recom-electronic.com
REV: 0/2013
100
20
(2W) 40
50
0
75
125
Operating Temperature °C
0
80
Safe Operating Area
105
-40
95
(3W) 60
25
Derating-Graph
(Ambient Temperature)
Input Voltage Range
2:1 & 4:1
Output Voltage Accuracy
±2% max.
Line Regulation (HL-LL)
±0.3% max.
Load Regulation (for output load current change from 20% to 100%)
±0.6% max.
Minimum Load
0%
Output Ripple and Noise (0,1µF capacitor on output, 20MHz BW)
50mVp-p max.
Operating Frequency at Full Load
2:1 input
120kHz typ.
(at nominal input voltage)
4:1 input
200kHz typ.
Input Filter
Pi Network
Efficiency at Full Load
see above
No Load Power Consumption
300mW max.
Isolation Voltage
H2 types
(tested for 1 second)
2000VDC
(rated for 1 minute)
1000VAC / 60Hz
Isolation Voltage
H4 types
(tested for 1 second)
4000VDC
(rated for 1 minute)
2000VAC / 60Hz
Isolation Voltage
H6 types
(tested for 1 second)
6000VDC
(rated for 1 minute)
3000VAC / 60Hz
Isolation Capacitance
60pF typ.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection (Max temp. = 50°C during short circuit conditions)
Continuous, Auto Restart
Operating Temperature (free air convection)
-40°C to +75°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Non-Conductive Plastic or Metal
Thermal Impedance
Natural convection
20°C/W for plastic case
12°C/W for metal case
Package Weight
13g
Packing Quantity
15 pcs per Tube
100 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
850 x 103hours
(+75°C)
using MIL-HDBK 217F
206 x 103hours
Certifications UL General Safety Report: E358085
UL 60950-1 1st Ed.
C22.2 No. 60950-1-03
EN General Safety Report: SPCLVD1212007 EN60950-1:2006 + 9+A1:2010+A12:2011
EN Medical Safety
Report: MDD1205098-3 + RM1205098-3
IEC/EN 60601-1 3rd Edition, Medical Report + ISO14971 Risk Assessment
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
REC5-S_DRW(Z)
/H* Series
ECONOLINE
DC/DC-Converter
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1212
123.3
1209
1205
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2412
243.3
2405
12V Single 2:1
24V Single 2:1
}DetailedInformationsee
Application Notes chapter "MTBF"
Ordering Examples:
REC5-0512DRW/H2/A/CTRL= 2:1 input, 5V Vin,
±12V Vout, 2kVDC, pinout “A”,plastic case, control pin
REC5-4812SRWZ/H4/A/M = 4:1 input, 48V Vin, 12V
Vout, 4kVDC, pinout “A”,metal case, no control pin
REC5-1212DRWZ/H/B = 4:1 input, 12V Vin, ±12V
Vout, 1.6kVDC, pinout “B”,plastic case, no control pin
REC5-0505SRW/H6/C/SMD = 2:1 input, 5V Vin, 5V
Vout, 6kVDC, SMD pinout “C”,plastic case, no control
pin


Similar Part No. - REC5-XX09DRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-xx09DRW/H RECOM-REC5-xx09DRW/H Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-xx09DRWZ/H RECOM-REC5-xx09DRWZ/H Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC5-XX09DRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-SDRW RECOM-REC3-SDRW Datasheet
131Kb / 4P
   2kV, 4kVDC & 6kVDC Isolation
RKE RECOM-RKE Datasheet
256Kb / 4P
   4kVDC/1 second Isolation
RKZ-XX2005D RECOM-RKZ-XX2005D Datasheet
323Kb / 5P
   High Isolation 3kVDC & 4kVDC for 1 minute
RK-XX05S RECOM-RK-XX05S Datasheet
151Kb / 3P
   3kVDC or 4kVDC Isolation Optional Continuous Short Circuit Protected
logo
Wall Industries,Inc.
GA6KV WALL-GA6KV Datasheet
218Kb / 7P
   With 6KVDC Isolation Single and Dual Output 2 Watt DC - DC Converter
LANE6KV WALL-LANE6KV Datasheet
200Kb / 8P
   Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
logo
Toppower Electronic Tec...
TPJ-3KVDC TOPPOWER-TPJ-3KVDC Datasheet
170Kb / 3P
   1W 6KVDC Isolated DC/DC Converters
TPJ-1W TOPPOWER-TPJ-1W Datasheet
169Kb / 3P
   1W 6KVDC Isolated DC/DC Converters
logo
Anaren Microwave
X3C25F1-02S ANAREN-X3C25F1-02S Datasheet
871Kb / 18P
   High Isolation
JP503AS ANAREN-JP503AS Datasheet
755Kb / 10P
   High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com