Electronic Components Datasheet Search |
|
FIT-350-18 Datasheet(PDF) 2 Page - Alpha Wire |
|
FIT-350-18 Datasheet(HTML) 2 Page - Alpha Wire |
2 / 3 page Physical &Mechanical Properties 1) Temperature Range -55 to 175°C 2) Shrink Ratio Approximately 2:1 3) Full Recovery Temperature 175°C 4) Tensile Strength 5000psi, Min ASTM D638 5) Elongation 150%, Min ASTM D638 6) Low Temperature Flex(-55°C) no cracking AMS-DTL-23053 7) Heat Resistance(250°C,168hrs) 100% Elongation, Min ASTM D638 8) Heat Shock(300°C,4hrs) no cracking AMS-DTL-23053 9) Secant Modulus 1x10 5 psi, Min ASTM D882 10) Longitudinal Change +/-10% AMS-DTL-23053 11) Specific Gravity 1.80, Max ASTM D792 12) Deformation(125°C,1 hr) 50% Max UL 224 13) Shelf Life 5 Years @ 18 to 35°C Electrical Properties 1) Dielectric Strength 800 V/mil, Min ASTM D876 2) Volume Resistivity 1x10 13 ohm-cm, Min ASTM D876 Chemical Properties 1) Water Absorption 0.50%, Max ASTM D570 2) Copper stability(250°C,168hrs) 70% Elongation, Min UL 224 3) Corrosion(250°C,16hrs) no corrosion AMS-DTL-23053 4) Fluid Resistance(23°C,24 Hrs) 5000 PSI, Min AMS-DTL-23053 5) Fungus Resistance Pass AMS-DTL-23053 6) Vacuum Outgassing - CVCM 0.03%, Max ASTM E595 7) Vacuum Outgassing - TML 0.11%, Max ASTM E595 8) Halogen Free No 9) Lead Free Yes Other Packaging www.alphawire.com Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207 Tel: 1-800-52 ALPHA (25742) Although Alpha Wire (“Alpha”) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure product availability. Alpha provides the information and specifications herein on an “AS IS” basis, with no representations or warranties, whether express, statutory or implied. In no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein. |
Similar Part No. - FIT-350-18 |
|
Similar Description - FIT-350-18 |