Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5192 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N5192
Description  NPN EPITAXIAL SILICON POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5192 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N5192 Datasheet HTML 1Page - Continental Device India Limited 2N5192 Datasheet HTML 2Page - Continental Device India Limited 2N5192 Datasheet HTML 3Page - Continental Device India Limited 2N5192 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN EPITAXIAL SILICON POWER TRANSISTORS
2N5191
2N5192
TO126
Plastic Package
Use in Medium Power Linear and Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
2N5191
2N5192
UNIT
Collector -Base Voltage
VCBO
60
80
V
Collector -Emitter Voltage
VCEO
60
80
V
Emitter Base Voltage
VEBO
5V
Collector Current
IC
4A
Collector Peak Current
ICM
7A
Base Current
IB
1A
Total Dissipation @ TC<25 ºC
Ptot
40
W
Junction Temperature
Tj
150
ºC
Storage Temperature Range
Tstg
-65 to 150
ºC
Thermal Resistance
Junction to Case
Rth(j-c)
3.12
ºC/W
Junction to Ambient
Rth(j-a)
100
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
VCEO*(sus) IC=100mA, IB=0
2N5191
60
-
-
V
2N5192
80
-
-
V
Collector Cut off Current
ICBO
VCB=rated VCBO, IE=0
-
-
0.1
mA
ICEX
VCE=rated VCEO,
-
-
0.1
mA
VBE=1.5V
VCE=rated VCEO,
--
2
mA
VBE=1.5V,TC=125 ºC
ICEO
VCE=rated VCEO, IB=0
--
1
mA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
--
1
mA
Collector Emitter Saturation Voltage
VCE(sat)*
IC=1.5A, IB=0.15A
-
-
0.6
V
IC=4A, IB=1A
-
-
1.4
V
Base Emitter Voltage
VBE*IC=1.5A, VCE=2V
-
-
1.2
V
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N5192

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5192 ONSEMI-2N5192 Datasheet
102Kb / 8P
   POWER TRANSISTORS SILICON NPN
April, 2002 ??Rev. 10
logo
STMicroelectronics
2N5192 STMICROELECTRONICS-2N5192 Datasheet
65Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTORS
June 1997
logo
Central Semiconductor C...
2N5192 CENTRAL-2N5192 Datasheet
61Kb / 1P
   NPN SILICON TRANSISTOR GENERAL PURPOSE POWER
logo
STMicroelectronics
2N5192 STMICROELECTRONICS-2N5192 Datasheet
48Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTORS
2N5192 STMICROELECTRONICS-2N5192 Datasheet
229Kb / 9P
   NPN power transistors
More results

Similar Description - 2N5192

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C44C8 CDIL-C44C8 Datasheet
101Kb / 3P
   NPN SILICON EPITAXIAL POWER TRANSISTORS
MJE13002 CDIL-MJE13002 Datasheet
153Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
BD135 CDIL-BD135 Datasheet
252Kb / 4P
   NPN EPITAXIAL SILICON POWER TRANSISTORS
logo
Micro Commercial Compon...
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
   NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
   NPN Epitaxial Silicon Transistors
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
   NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
   NPN Silicon Epitaxial Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com