Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5321NPN Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N5321NPN
Description  SILICON POWER SWITCHING TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N5321NPN Datasheet(HTML) 1 Page - Continental Device India Limited

  2N5321NPN Datasheet HTML 1Page - Continental Device India Limited 2N5321NPN Datasheet HTML 2Page - Continental Device India Limited 2N5321NPN Datasheet HTML 3Page - Continental Device India Limited 2N5321NPN Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON POWER SWITCHING TRANSISTORS
2N5320, 2N5321 NPN
2N5322, 2N5323 PNP
TO-39
Metal Can Package
Medium Power Amplifier and Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
2N5320
2N5321
UNITS
Collector Emitter Voltage
75
50
V
Collector Base Voltage
100
75
V
Emitter Base Voltage
7
5
V
Collector Current - Continuous
A
Base Current
A
Power Dissipation@ Ta=25ºC
W
Derate Above 25ºC
mW/ ºC
Power Dissipation@ Tc=25ºC
W
Derate Above 25ºC
mW/ ºC
Operating And Storage Junction
Temperature Range
ºC
THERMAL CHARACTERISTICS
Junction to Ambient in free air
ºC/W
Junction to Case
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
Collector Emitter Voltage
VCEO
75
V
50
V
Collector Cut Off Current
ICEX
Emitter Cut Off Current
IEBO
7
5
VCE=100V, VBE=1.5V
17.5
Rth (j-a)
2N5320/5322
2N5321/5323
2N5320/5322
VCEO
Rth (j-c)
175
2N5320/5322
75
50
100
75
- 65 to +200
VCBO
VEBO
IB
2N5322
2N5323
1.0
1
5.71
10
57.14
SYMBOL
IC
2N5320/5322
VCE=75V, VBE=1.5V
2N5321/5323
VBE=5V, IC=0
2N5321/5323
VBE=7V, IC=0
2.0
2N5321/5323
IC=100mA, IB=0
VCE=70V, VBE=1.5V, Tc=150ºC
TEST CONDITION
PD
PD
Tj, Tstg
VCE=45V, VBE=1.5V, Tc=150ºC
5
mA
5
mA
100
µA
100
µA
100
µA
100
µA
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N5321NPN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5321 STMICROELECTRONICS-2N5321 Datasheet
67Kb / 4P
   SMALL SIGNAL NPN TRANSISTORS
June 1997
logo
Fairchild Semiconductor
2N5321 FAIRCHILD-2N5321 Datasheet
345Kb / 11P
   10 Watt NPN-PNP Silicon Power
logo
Boca Semiconductor Corp...
2N5321 BOCA-2N5321 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
Central Semiconductor C...
2N5321 CENTRAL-2N5321 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N5321 ETC-2N5321 Datasheet
347Kb / 8P
   Power Transistors
More results

Similar Description - 2N5321NPN

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT717 ZETEX-FMMT717 Datasheet
355Kb / 4P
   SILICON POWER (SWITCHING) TRANSISTORS
FMMT617 ZETEX-FMMT617 Datasheet
308Kb / 4P
   NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Diodes Incorporated
FMMT717 DIODES-FMMT717 Datasheet
440Kb / 4P
   SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
logo
New Jersey Semi-Conduct...
BUX86 NJSEMI-BUX86 Datasheet
117Kb / 2P
   NPN silicon epibase power switching transistors
logo
Diodes Incorporated
FMMT723TA DIODES-FMMT723TA Datasheet
367Kb / 4P
   SOT23 PNP SILICON POWER (SWITCHING) TRANSISTORS
logo
Comset Semiconductor
2N2221 COMSET-2N2221 Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
2N2218 COMSET-2N2218 Datasheet
83Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com