Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB370 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OPB370
Description  0.125 (3.175 mm) slot width
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB370 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OPB370 Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB370 Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB370 Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB370 Datasheet HTML 4Page - List of Unclassifed Manufacturers OPB370 Datasheet HTML 5Page - List of Unclassifed Manufacturers OPB370 Datasheet HTML 6Page - List of Unclassifed Manufacturers OPB370 Datasheet HTML 7Page - List of Unclassifed Manufacturers OPB370 Datasheet HTML 8Page - List of Unclassifed Manufacturers OPB370 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue D
12/2012
Page 3 of 10
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
Series: OPB355, OPB360, OPB370, OPB380, OPB390
OPB859, OPB860, OPB870, OPB880, OPB890
Emitter Aperture: 0.050” (1.270 mm)
Sensor Aperture: 0.050” (1.270 mm)
Mounting Configurations:
T - Two mounting tabs
Optek Assembly
Phototransistor Output Family
OPB 8 5 9
Part Number Guide — OPB859
Part Number Guide — OPB860 / OPB870
OPB 8 X X X X X
Sensor Aperture:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Mounting Configurations:
L - Emitter side mounting tab only
N - No mounting tabs
P - Sensor side mounting tab only
T - Two mounting tabs
Discrete Shell Material:
6 - Covered (apertures not visible), PCB leads
7 - Open (apertures visible), PCB leads
Emitter Sensor:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Optek Assembly
Phototransistor Output Family
Electrical Specification Variations:
0 = Electrical Parameter A (lead spacing = 0.320”)
1 = Electrical Parameter B (lead spacing = 0.320”)
2 = Electrical Parameter C (lead spacing = 0.320”)
5 = Electrical Parameter A (lead spacing = 0.220”)
6 = Electrical Parameter B (lead spacing = 0.220”)
7 = Electrical Parameter C (lead spacing = 0.220”)
Note: Assemblies with dual 0.010” apertures are currently
available with electrical parameter “A” only.
Part Number Guide — OPB880 / OPB890
OPB 8 X X X X X Z
Sensor Aperture:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Mounting Configurations:
L - Emitter side mounting tab only
N - No mounting tabs
P - Sensor side mounting tab only
T - Two mounting tabs
RoHS Compliant
Discrete Shell Material:
8 - Covered (apertures not visible), Wires
9 - Open (apertures visible), Wires
Emitter Sensor:
1 - 0.010” (0.254 mm)
5 - 0.050” (1.270 mm)
Optek Assembly
Phototransistor Output Family
Electrical Specification Variations:
0 = Electrical Parameter A
1 = Electrical Parameter B
2 = Electrical Parameter C
NOTE: Assemblies with dual 0.010” apertures are
currently available with electrical parameter “A” only.
Wires = 26AWG - 24” long. UL approved.


Similar Part No. - OPB370

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB370 OPTEK-OPB370 Datasheet
1Mb / 4P
   Slotted Op ti cal Switches
logo
TT Electronics.
OPB370 TTELEC-OPB370 Datasheet
319Kb / 11P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB370 OPTEK-OPB370 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB370 ETC-OPB370 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB370 ETC-OPB370 Datasheet
479Kb / 10P
   Slotted Optical Switch
More results

Similar Description - OPB370

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX3350 OMRON-EE-SX3350 Datasheet
1Mb / 6P
   Compact Slot / SMD Type (Slot width: 5 mm)
EE-SX3340 OMRON-EE-SX3340 Datasheet
1Mb / 6P
   Compact Slot / SMD Type (Slot width: 4 mm)
logo
PHOENIX CONTACT
2727501 PHOENIX-2727501 Datasheet
75Kb / 3P
   Labeling field, width: 12.2 mm
PLC-BPT-TTL PHOENIX-PLC-BPT-TTL Datasheet
122Kb / 10P
   6.2 mm narrow design width
0801730 PHOENIX-0801730 Datasheet
48Kb / 1P
   DIN rail, width: 53 mm, height: 80 mm
logo
Bel Fuse Inc.
LDW480 BEL-LDW480 Datasheet
569Kb / 4P
   Only 73 mm width aluminum enclosure
logo
Omron Electronics LLC
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
   Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
logo
Analog Microelectronics
REEL-DFN-6D AME-REEL-DFN-6D Datasheet
27Kb / 1P
   (2x2x0.75mm) Carrier Width (W) 8.0-0.1 mm
logo
PHOENIX CONTACT
2914754 PHOENIX-2914754 Datasheet
44Kb / 2P
   Component housing, Color: blue, Width: 17.5 mm
logo
Omron Electronics LLC
EESX1025 OMRON-EESX1025 Datasheet
318Kb / 8P
   Miniature Transmissive Photomicrosensor with 2- to 8-mm Slot Width and Phototransistor Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com