Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTB20008 Datasheet(PDF) 1 Page - Ericsson

Part # PTB20008
Description  10 Watts, 935-960 MHz Cellular Radio RF Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20008 Datasheet(HTML) 1 Page - Ericsson

  PTB20008 Datasheet HTML 1Page - Ericsson PTB20008 Datasheet HTML 2Page - Ericsson PTB20008 Datasheet HTML 3Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e
1
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0.2
0.4
0.6
0.8
1.0
1.2
Input Power (Watts)
VCC = 24 V
ICQ = 100 mA
f = 960 MHz
Typical Output Power vs. Input Power
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCER
40
Vdc
Collector-Base Voltage
VCBO
50
Vdc
Emitter-Base Voltage (collector open)
VEBO
4.0
Vdc
Collector Current (continuous)
IC
6.7
Adc
Total Device Dissipation at Tflange = 25°C
PD
65
Watts
Above 25°C derate by
0.4
W/°C
Storage Temperature Range
T
STG
–40 to +150
°C
Thermal Resistance (Tflange = 70°C)
RθJC
2.7
°C/W
PTB 20008
10 Watts, 935–960 MHz
Cellular Radio RF Power Transistor
Description
The 20008 is a class AB, NPN, common emitter RF power transistor
intended for 24 Vdc operation from 935 to 960 MHz. Rated at 10
watts minimum output power, it may be used for both CW and PEP
applications. Ion implantation, nitride surface passivation and gold
metallization ensure excellent device reliability. 100% lot traceability
is standard.
• 10 Watts, 935–960 MHz
• Class AB Characteristics
• 50% Collector Efficiency at 10 Watts
• Gold Metallization
• Silicon Nitride Passivated
Package 20201
20008
LOT
CODE
9/28/98


Similar Part No. - PTB20008

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
   4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20004 ERICSSON-PTB20004 Datasheet
47Kb / 3P
   50 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20005 ERICSSON-PTB20005 Datasheet
44Kb / 3P
   15 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20006 ERICSSON-PTB20006 Datasheet
44Kb / 3P
   4 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20007 ERICSSON-PTB20007 Datasheet
47Kb / 3P
   30 Watts, 935-960 MHz Cellular Radio RF Power Transistor
More results

Similar Description - PTB20008

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20007 ERICSSON-PTB20007 Datasheet
47Kb / 3P
   30 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20171 ERICSSON-PTB20171 Datasheet
43Kb / 2P
   25 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20009 ERICSSON-PTB20009 Datasheet
39Kb / 2P
   2.5 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20148 ERICSSON-PTB20148 Datasheet
46Kb / 3P
   60 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20003 ERICSSON-PTB20003 Datasheet
54Kb / 3P
   4 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20105 ERICSSON-PTB20105 Datasheet
45Kb / 3P
   20 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20177 ERICSSON-PTB20177 Datasheet
49Kb / 3P
   150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20220 ERICSSON-PTB20220 Datasheet
512Kb / 3P
   15 Watts, 915-960 MHz Cellular Radio RF Power Transistor
PTB20135 ERICSSON-PTB20135 Datasheet
47Kb / 3P
   85 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20144 ERICSSON-PTB20144 Datasheet
41Kb / 3P
   6 Watts, 915-960 MHz Cellular Radio RF Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com