Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXH010A0YZ Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # AXH010A0YZ
Description  Compatible with RoHS EU Directive 200295/EC (-Z Versions)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH010A0YZ Datasheet(HTML) 1 Page - Lineage Power Corporation

  AXH010A0YZ Datasheet HTML 1Page - Lineage Power Corporation AXH010A0YZ Datasheet HTML 2Page - Lineage Power Corporation AXH010A0YZ Datasheet HTML 3Page - Lineage Power Corporation AXH010A0YZ Datasheet HTML 4Page - Lineage Power Corporation AXH010A0YZ Datasheet HTML 5Page - Lineage Power Corporation AXH010A0YZ Datasheet HTML 6Page - Lineage Power Corporation AXH010A0YZ Datasheet HTML 7Page - Lineage Power Corporation AXH010A0YZ Datasheet HTML 8Page - Lineage Power Corporation AXH010A0YZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
October 1, 2009
Austin LynxTM SIP Non-Isolated dc-dc Power Modules:
3.0 Vdc - 5.5 Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
Document Name: FDS02-047EPS ver.1.6
PDF Name: Austin Lynx SIP
Applications
n
Distributed Power Architectures
n
Wireless Networks
n
Access and Optical Network Equipment
n
Enterprise Networks
n
Data processing Equipment
n
Latest generation IC’s (DSP, FPGA, ASIC) and Micropro-
cessor-powered applications.
Options
n
Remote Sense
n
Long Pins: 5.08 mm ± 0.25 mm
(0.200 in ± 0.010 in)
Features
n
Compatible with RoHS EU Directive 200295/EC (-Z Ver-
sions)
n
Compatible in RoHS EU Directive 200295/EC with lead
solder exemption (non -Z versions)
n
Delivers up to 10A output current
n
High efficiency: 95% at 3.3V full load
n
Small size and low profile:
50.8 mm x 8.10mm x 12.7mm
(2.0 in x 0.32 in x 0.5 in)
n
Light Weight 0.27 oz(7.5 g)
n
Cost-efficient open frame design
n
High reliability: MTBF > 10M hours at 25 °C
n
Remote On/Off
n
Output overcurrent protection with auto-restart
n
Overtemperature protection
n
Constant frequency (300 kHz,typical)
n
Adjustable output voltage ± 10% of VO (–5% to + 10% for
0.9 V output)
n
Single-In-Line (SIP) Package
n
UL* 60950 Recognized, CSAC22.2 No. 60950-00 Certi-
fied, and VDE0805 (IEC60950, 3rd edition) Licensed
RoHS Compliant
Description
Austin Lynx™ power modules are non-isolated dc-dc converters that can deliver 10 A of output current with full load efficiency of
95% at 3.3 V output. These open frame modules in SIP package enable designers to develop cost-and space efficient solutions.
Standard features include remote ON/OFF, output voltage adjustment, overcurrent and overtemperature protection.
*
UL is a registered trademark of Underwriters Laboratories, Inc.
† CSA is a registered trademark of Canadian Standards Association.
‡ VDE is a trademark of Verband Deutscher Elektrotechniker e.V.
§ This product is intended for integration into end-use equipment. All the required procedures for CE marking of end-use equipment should be followed. (The CE mark is placed on selected products.)
** ISO is a registered trademark of the Internation Organization of Standards


Similar Part No. - AXH010A0YZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH010A0YZ LINEAGEPOWER-AXH010A0YZ Datasheet
194Kb / 15P
   3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
More results

Similar Description - AXH010A0YZ

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JNC350R41TZ LINEAGEPOWER-JNC350R41TZ Datasheet
707Kb / 16P
   Compliant to RoHS EU Directive 2002/95/EC (-Zversions)
logo
Pan Jit International I...
PJE5UQFN10A PANJIT-PJE5UQFN10A Datasheet
181Kb / 5P
   Lead free in compliance with EU RoHS 2011/65/EU directive
logo
Amphenol Corporation
P-MUSB-2K15-0X5BP AMPHENOL-P-MUSB-2K15-0X5BP Datasheet
49Kb / 1P
   PART IS RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND AMENDMENTS
logo
Pan Jit International I...
1N5347BS PANJIT-1N5347BS Datasheet
91Kb / 4P
   Lead free in compliance with EU RoHS 2011/65/EU directive
logo
TE Connectivity Ltd
C-2058301 TEC-C-2058301 Datasheet
132Kb / 1P
   MUST COMPLY WITH DIRECTIVE 2002/95/EC (ROHS)
logo
TDK Electronics
CU1S1941AC-1493-00 TDK-CU1S1941AC-1493-00 Datasheet
93Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S2403AC-1493-00 TDK-CU1S2403AC-1493-00 Datasheet
97Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S1281AC-1842-00 TDK-CU1S1281AC-1842-00 Datasheet
90Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S2252AT-1493-00 TDK-CU1S2252AT-1493-00 Datasheet
102Kb / 7P
   Isolator Product compatible with RoHS directive
CU1S1055AC-2017-00 TDK-CU1S1055AC-2017-00 Datasheet
91Kb / 7P
   Circulator Product compatible with RoHS directive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com