Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXH010A0P Datasheet(PDF) 8 Page - Lineage Power Corporation

Part # AXH010A0P
Description  Compatible with RoHS EU Directive 200295/EC (-Z Versions)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

AXH010A0P Datasheet(HTML) 8 Page - Lineage Power Corporation

Back Button AXH010A0P Datasheet HTML 4Page - Lineage Power Corporation AXH010A0P Datasheet HTML 5Page - Lineage Power Corporation AXH010A0P Datasheet HTML 6Page - Lineage Power Corporation AXH010A0P Datasheet HTML 7Page - Lineage Power Corporation AXH010A0P Datasheet HTML 8Page - Lineage Power Corporation AXH010A0P Datasheet HTML 9Page - Lineage Power Corporation AXH010A0P Datasheet HTML 10Page - Lineage Power Corporation AXH010A0P Datasheet HTML 11Page - Lineage Power Corporation AXH010A0P Datasheet HTML 12Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Lineage Power
8
Data Sheet
October 1, 2009
3.0 Vdc - 5.5 Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
Austin LynxTM SIP Non-Isolated dc-dc Power Modules:
Test Configurations
Note: Measure input reflected ripple current with a simulated source
inductance (LTEST) of 1µH. Capacitor CS offsets possible bat-
tery impedance. Measure current as shown above.
Figure 15. Input Reflected Ripple Current Test Setup.
Note: Scope measurements should be made using a BNC socket,
with a 10 µF tantalum capacitor and a 1 µF ceramic capcitor.
Position the load between 51 mm and 76 mm (2 in and 3 in)
from the module
Figure 16. Peak-to-Peak Output Ripple Measurement
Test Setup.
Note: All voltage measurements to be taken at the module termi-
nals, as shown above. If sockets are used then Kelvin con-
nections are required at the module terminals to avoid
measurement
errors due to socket contact resistance.
Figure 17. Output Voltage and Efficiency Test Setup.
Design Considerations
Input Source Impedance
To maintain low-noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the module.
18 shows the input ripple voltage (mVp-p) for various output
models using a 150 µF low ESR polymer capacitor (Pana-
sonic p/n: EEFUE0J151R, Sanyo p/n: 6TPE150M) in parallel
with 47 µF ceramic capacitor (Panasonic p/n: ECJ-
5YB0J476M,
Taiyo Yuden p/n: CEJMK432BJ476MMT). Figure 19 depicts
much lower input voltage ripple when input capacitance is
increased to 450 µF (3 x 150 µF) polymer capacitors in par-
allel with 94 µF (2 x 47 µF) ceramic capacitor.
The input capacitance should be able to handle an AC ripple
current of at least:
Figure 18. Input Voltage Ripple for Various
Output Models, IO = 10 A
(CIN = 150 µF polymer // 47 µF ceramic).
Figure 19. Input Voltage Ripple for Various
Output Models, IO = 10 A
(CIN = 3x150 µF polymer // 2x47 µF ceramic).
TO OSCILLOSCOPE
BATTERY
L
1 µH
CS 220
μF
ESR < 0.1
Ω
@ 20
°C, 100 kHz
VI (+)
VI (–)
2 x 100µF
Tantalum
VO
GND
RESISTIVE
LOAD
SCOPE
10 µF
COPPER STRIP
TANTALUM
1µF
CERAMIC
VI
VO
II
IO
SUPPLY
CONTACT RESISTANCE
CONTACT AND
DISTRIBUTION LOSSES
LOAD
GND
η
V
O(+)
V
O(-)
[] I
O
×
V
I(+)
V
I(-)
[] I
I
×
------------------------------------------------
⎝⎠
⎛⎞
100
×
=
I
rms
I
out
V
out
V
in
----------- 1
V
out
V
in
-----------
=
A
rms
0
50
100
150
200
0.5
1
1.5
2
2.5
3
VI = 5 V
VI = 3.3 V
OUTPUT VOLTAGE, VO (Vdc)
0
25
50
75
100
0.5
1
1.5
2
2.5
3
VI = 5 V
VI = 3.3 V
OUTPUT VOLTAGE, VO (Vdc)


Similar Part No. - AXH010A0P

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
AXH010A0P LINEAGEPOWER-AXH010A0P Datasheet
194Kb / 15P
   3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
AXH010A0P-SR LINEAGEPOWER-AXH010A0P-SR Datasheet
330Kb / 19P
   Austin LynxTM SMT Non-Isolated dc-dc Power Modules
AXH010A0PZ LINEAGEPOWER-AXH010A0PZ Datasheet
194Kb / 15P
   3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
More results

Similar Description - AXH010A0P

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
JNC350R41TZ LINEAGEPOWER-JNC350R41TZ Datasheet
707Kb / 16P
   Compliant to RoHS EU Directive 2002/95/EC (-Zversions)
logo
Pan Jit International I...
PJE5UQFN10A PANJIT-PJE5UQFN10A Datasheet
181Kb / 5P
   Lead free in compliance with EU RoHS 2011/65/EU directive
logo
Amphenol Corporation
P-MUSB-2K15-0X5BP AMPHENOL-P-MUSB-2K15-0X5BP Datasheet
49Kb / 1P
   PART IS RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND AMENDMENTS
logo
Pan Jit International I...
1N5347BS PANJIT-1N5347BS Datasheet
91Kb / 4P
   Lead free in compliance with EU RoHS 2011/65/EU directive
logo
TE Connectivity Ltd
C-2058301 TEC-C-2058301 Datasheet
132Kb / 1P
   MUST COMPLY WITH DIRECTIVE 2002/95/EC (ROHS)
logo
TDK Electronics
CU1S1941AC-1493-00 TDK-CU1S1941AC-1493-00 Datasheet
93Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S2403AC-1493-00 TDK-CU1S2403AC-1493-00 Datasheet
97Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S1281AC-1842-00 TDK-CU1S1281AC-1842-00 Datasheet
90Kb / 7P
   Circulator Product compatible with RoHS directive
CU1S2252AT-1493-00 TDK-CU1S2252AT-1493-00 Datasheet
102Kb / 7P
   Isolator Product compatible with RoHS directive
CU1S1055AC-2017-00 TDK-CU1S1055AC-2017-00 Datasheet
91Kb / 7P
   Circulator Product compatible with RoHS directive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com