Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXC81S41714 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AXC81S41714
Description  Automation Controls Catalog
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXC81S41714 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AXC81S41714 Datasheet HTML 1Page - Panasonic Semiconductor AXC81S41714 Datasheet HTML 2Page - Panasonic Semiconductor AXC81S41714 Datasheet HTML 3Page - Panasonic Semiconductor AXC81S41714 Datasheet HTML 4Page - Panasonic Semiconductor AXC81S41714 Datasheet HTML 5Page - Panasonic Semiconductor AXC81S41714 Datasheet HTML 6Page - Panasonic Semiconductor AXC81S41714 Datasheet HTML 7Page - Panasonic Semiconductor AXC81S41714 Datasheet HTML 8Page - Panasonic Semiconductor AXC81S41714 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Panasonic Corporation 2013
©
Panasonic Corporation Automation Controls Buisiness Division
industrial.panasonic.com/ac/e/
Micro coaxial connectors
CS
–5–
ACCTB21E 201310-T
• Plug (assembled condition) 21, 41 pin contacts (#38 wire for power supply)
Y-Y cross section
X-X cross section
0.25
0.50
A
B
C
D
0.28
0.67
1.11
0.62
G
Soldering portion
Cover shell
B
E
XY
XY
Regarding cable pattern, please refer to “Notes”.
General tolerance:
±0.2
Dimension table (mm)
Number of pins/
dimension
A
B
C
D
E
F
G
21
10.60
7.08
2.40
3.00
9.20
6.00
4.75
41
15.60
12.08
7.40
8.00
14.20
11.00
9.75
A
B
1.10
0.40
C
0.65
B
0.90
0.67
0.97
0.30
• Plug cover shell 21, 41 pin contacts
AXC81S21714
AXC81S41714
General tolerance:
±0.2
Dimension table (mm)
Number of pins/
dimension
A
B
C
21
9.00
6.86
2.40
41
14.00
11.86
7.40


Similar Part No. - AXC81S41714

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AXC-051 IXYS-AXC-051 Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-051-R IXYS-AXC-051-R Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
logo
ATGBICS by Approved Tec...
AXC761-10000S-C ATGBICS-AXC761-10000S-C Datasheet
152Kb / 3P
   AXC761-10000S Netgear Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
AXC761-C ATGBICS-AXC761-C Datasheet
151Kb / 3P
   AXC761 Netgear Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
More results

Similar Description - AXC81S41714

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com