Electronic Components Datasheet Search |
|
B340LB-13 Datasheet(PDF) 2 Page - Diodes Incorporated |
|
B340LB-13 Datasheet(HTML) 2 Page - Diodes Incorporated |
2 / 4 page B340LA/B Document number: DS30240 Rev. 10 - 2 2 of 4 www.diodes.com September 2010 © Diodes Incorporated B340LA/B Maximum Ratings @TA = 25°C unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. Characteristic Symbol Value Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 40 V Average Rectified Output Current (Note 4) TT = 90°C IO 3.0 A Non-Repetitive Peak Forward Surge Current, single sine-wave superimposed on rated load, 60Hz IFSM 70 A Thermal Characteristics Characteristic Symbol Value Unit Operating and Storage Temperature Range TJ, TSTG -55 to +125 °C Electrical Characteristics @TA = 25°C unless otherwise specified Characteristic Symbol Min Typ Max Unit Conditions Reverse Breakdown Voltage (Note 5) V(BR)R 40 ⎯ ⎯ V IR = 2.0mA Forward Voltage Drop VF ⎯ ⎯ 0.310 ⎯ 0.350 0.450 V IF = 1.0A IF = 3.0A Leakage Current (Note 5) IR ⎯ ⎯ 150 uA VR = 15V VR = 20V VR = 40V ⎯ ⎯ 1.0 2.0 mA Total Capacitance CT ⎯ 180 ⎯ pF f = 1MHz, VR = 4.0VDC Thermal Resistance, Junction to Terminal RθJT ⎯ 25 ⎯ °C/W ⎯ Notes: 4. When mounted on alumina substrate, 180° half sine wave. 5. Short duration pulse test used to minimize self-heating effect. 0.1 1.0 10 100 0 0.2 0.4 0.6 0.8 1.0 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Typical Forward Characteristics F T = 25ºC A T = 125ºC A T = 100ºC A 10 0 20 30 40 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 2 Typical Reverse Characteristics R T = 125ºC A T = 100ºC A T = 25ºC A 100 10 1.0 0.1 0.01 1,000 |
Similar Part No. - B340LB-13 |
|
Similar Description - B340LB-13 |