Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXC51S2150 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AXC51S2150
Description  Automation Controls Catalog
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXC51S2150 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button AXC51S2150 Datasheet HTML 2Page - Panasonic Semiconductor AXC51S2150 Datasheet HTML 3Page - Panasonic Semiconductor AXC51S2150 Datasheet HTML 4Page - Panasonic Semiconductor AXC51S2150 Datasheet HTML 5Page - Panasonic Semiconductor AXC51S2150 Datasheet HTML 6Page - Panasonic Semiconductor AXC51S2150 Datasheet HTML 7Page - Panasonic Semiconductor AXC51S2150 Datasheet HTML 8Page - Panasonic Semiconductor AXC51S2150 Datasheet HTML 9Page - Panasonic Semiconductor AXC51S2150 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Panasonic Corporation 2013
©
Panasonic Corporation Automation Controls Buisiness Division
industrial.panasonic.com/ac/e/
Micro coaxial connectors
CS
–7–
ACCTB21E 201310-T
• Receptacle and Plug are mated
EMBOSSED TAPE DIMENSIONS (Unit: mm)
• Connector orientation with respect to direction of progress of embossed tape
Receptacle
Plug
(0.99)
1.27
±0.2
• Tape dimensions
• Plastic reel dimensions (Conforming to EIAJ ET-7200B)
Tape I
Tape II
(1.75
±0.1)
(C
±0.1)
(1.75
±0.1)
(C
±0.1)
(B
±0.1)
(1.5
dia.)
+0.1
0
(1.5
dia.)
+0.1
0
(A
±0.3)
(A
)
+0.3
−0.1
Taping reel
(D
±1.0)
Label
Top cover tape
Embossed carrier tape
Embossed mounting-hole
• Dimension table (Unit: mm)
Type
Number of pins
Type of taping
A
B
C
D
Receptacle
Plug
Common for
receptacle and plug
21, 41, 51
21
Tape I
24.0
11.5
25.4
41, 51
Tape II
32.0
28.4
14.2
33.4
• Metal hoop reel dimensions (Plug cover shell)
• Plastic reel dimensions (Conforming to EIAJ ET-7200B)
(2.25)
(1.20)
(A)
(B)
(1.50
dia.)
(C
±1.0)
Taping reel
Interlayer sheet
Cover shell
Label
Dimension table (mm)
Number of pins/
dimension
A
B
C
21
15.5
13.0
17.4
41
20.5
18.0
25.4
51
23.0
20.5
25.4
Type
Direction
of tape progress
Micro coaxial connector CS
Plug cover shell
Receptacle
Plug (unit)
Please refer to the latest product
specifications when designing your
product.


Similar Part No. - AXC51S2150

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AXC-051 IXYS-AXC-051 Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-051-R IXYS-AXC-051-R Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
logo
ATGBICS by Approved Tec...
AXC761-10000S-C ATGBICS-AXC761-10000S-C Datasheet
152Kb / 3P
   AXC761-10000S Netgear Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
AXC761-C ATGBICS-AXC761-C Datasheet
151Kb / 3P
   AXC761 Netgear Compatible Direct Attach Copper Twinax Cable 10G SFP Cu (1m, Passive)
More results

Similar Description - AXC51S2150

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
ALFG2PF24 PANASONIC-ALFG2PF24 Datasheet
127Kb / 6P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com