Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHN36005 Datasheet(PDF) 4 Page - International Rectifier

Part # AHN36005
Description  Slim and compact size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHN36005 Datasheet(HTML) 4 Page - International Rectifier

  AHN36005 Datasheet HTML 1Page - International Rectifier AHN36005 Datasheet HTML 2Page - International Rectifier AHN36005 Datasheet HTML 3Page - International Rectifier AHN36005 Datasheet HTML 4Page - International Rectifier AHN36005 Datasheet HTML 5Page - International Rectifier AHN36005 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
REFERENCE DATA
DIMENSIONS (mm inch)
1-(1). Max. switching capacity
(1 Form C and 1 Form A)
1-(2). Max. switching capacity (2 Form C)
2-(1). Coil temperature rise (1 Form C/AC and
1 Form A/AC types)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
10
50
20 30
100
250
100
50
30
20
16
10
5
1
0.5
1 Form A and
1 Form C types
AC resistive load
1 Form C type
DC resistive load
1 Form A type DC resistive load
Contact voltage, V
10
5
1
0.5
0.4
0.3
0.2
10
50
20 30
100
250
Contact voltage, V
AC resistive load
DC resistive load
80
90
100 110
140
120 130
0
20
40
60
80
100
120
Coil applied voltage, %V
16A
0A
2-(2). Coil temperature rise (1 Form C/DC and
1 Form A/DC types)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
2-(3). Coil temperature rise (2 Form C/AC type)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
2-(4). Coil temperature rise (2 Form C/DC type)
Measured portion: Inside the coil
Ambient temperature: 70
°C 158°F
80
90
100 110
140
120 130
0
10
30
20
40
50
60
70
Coil applied voltage, %V
16A
0A
80
90
100 110
140
120 130
0
20
40
60
80
100
120
Coil applied voltage, %V
5A
0A
80
90
100 110
140
120 130
0
10
30
20
40
50
60
70
Coil applied voltage, %V
5A
0A
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. Plug-in type 1 Form C
External dimensions
4.75
0.5
4.7
7.5
17.5
5.2
5.2
Max. 13
Max. 29
Max. 29
5.3
0.5
.187
.020
.185
.295
.689
.205 .205
Max. .512
Max. 1.142
Max. 1.142
.209
.020
Schematic (Bottom view)
Standard type
52
4
3
1
With LED AC type
With Diode type
With LED DC type
With Diode and LED type
52
4
3
1
52
4
3
1
1
3
4
2
5
1
3
4
2
5
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012


Similar Part No. - AHN36005

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AHN11012 PANASONIC-AHN11012 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
AHN11024 PANASONIC-AHN11024 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
AHN110X0 PANASONIC-AHN110X0 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
AHN110X1 PANASONIC-AHN110X1 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
AHN110Y0 PANASONIC-AHN110Y0 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
More results

Similar Description - AHN36005

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BPC-8580 PROTECHSYSTEMS-BPC-8580 Datasheet
851Kb / 2P
   Slim and Compact Book Size PC
BPC-8590 PROTECHSYSTEMS-BPC-8590 Datasheet
314Kb / 2P
   Slim and Compact Book Size PC
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
   Slim, Compact and High Performance Book Size PC
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
   Ultra slim and compact design
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
AAEON Technology
DSS-TN40 AAEON-DSS-TN40 Datasheet
232Kb / 2P
   Slim and Compact Digital Signage System
logo
Omron Electronics LLC
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com