Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAMSS0044 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAAMSS0044
Description  Push Pull CATV Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAMSS0044 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAAMSS0044 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAMSS0044 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Push Pull CATV Amplifier
50 - 1000 MHz
Rev. V1
MAAMSS0044
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Gain
dB
11
12.5
13.5
Gain Flatness
dB
0.8
1.3
Noise Figure
dB
3.7
5
Input Return Loss
dB
15
Output Return Loss
dB
15
Output IP2
400 MHz, +4 dBm output
dBm
75
Output IP3
Two tones at 397 & 403 MHz, +8 dBm output/tone
dBm
42
Composite Triple Beat, CTB
79 Channels, +34 dBmV / Channel at the output
77 Channels, +39 dBmV / Channel at the output
dBc
dBc
-75
-65
-70
Composite Second Order, CSO
79 Channels, +34 dBmV / Channel at the output
77 Channels, +39 dBmV / Channel at the output
dBc
dBc
-85
-75
-80
Cross modulation
79 Channels, +34 dBmV / Channel at the output
77 Channels, +39 dBmV / Channel at the output
dBc
dBc
-75
-65
P1dB
400 MHz
dBm
24
IDD
+5 Volts
mA
225
280
Electrical Specifications: TA = 25°C, Freq: 50 - 1000 MHz, VDD = +5 Volts, Z0 = 75 Ω, Test
Circuit with M/A-COM Balun MABACT0069
Parameter
Absolute Maximum
Input Power
+20 dBm
Operating Voltage
+10 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Junction Temperature8
150°C
Absolute Maximum Ratings 5,6,7
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM does not recommend sustained operation near
these survivability limits.
7. These operating conditions will ensure MTTF > 1 x 106 hours.
8. Junction Temperature (TJ) = TC + Өjc * ((V * I) - (POUT - PIN))
Typical thermal resistance (Өjc) = 39° C/W.
a) For TC = 25°C,
TJ = 69 °C @ 5 V, 225 mA
b) For TC = 85°C,
TJ = 129 °C @ 5 V, 225 mA
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.


Similar Part No. - MAAMSS0044

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
210Kb / 5P
   Push Pull CATV Amplifier 50 - 1000 MHz
MAAMSS0044 MA-COM-MAAMSS0044 Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAMSS0044SMB MA-COM-MAAMSS0044SMB Datasheet
210Kb / 5P
   Push Pull CATV Amplifier 50 - 1000 MHz
MAAMSS0044SMB MA-COM-MAAMSS0044SMB Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAMSS0044TR MA-COM-MAAMSS0044TR Datasheet
210Kb / 5P
   Push Pull CATV Amplifier 50 - 1000 MHz
More results

Similar Description - MAAMSS0044

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-010144 MA-COM-MAAM-010144_15 Datasheet
875Kb / 7P
   Push Pull CATV Amplifier
MAAM-011177 MA-COM-MAAM-011177 Datasheet
1Mb / 15P
   Push-Pull CATV Amplifier
MAAMSS0044 MA-COM-MAAMSS0044_15 Datasheet
870Kb / 6P
   Push Pull CATV Amplifier
MAAM-010144 MA-COM-MAAM-010144 Datasheet
235Kb / 6P
   Push Pull CATV Amplifier
logo
List of Unclassifed Man...
AG606 ETC1-AG606 Datasheet
503Kb / 6P
   Push-Pull CATV Amplifier
logo
WJ Communication. Inc.
AG606 WJCI-AG606 Datasheet
340Kb / 5P
   Push-Pull CATV Amplifier
logo
Qorvo, Inc
AG606 QORVO-AG606 Datasheet
325Kb / 5P
   Push-Pull CATV Amplifier
logo
M/A-COM Technology Solu...
MAAM-009455 MA-COM-MAAM-009455 Datasheet
285Kb / 6P
   Push Pull CATV Amplifier
MAAM-009455 MA-COM-MAAM-009455_15 Datasheet
925Kb / 7P
   Push Pull CATV Amplifier
logo
TriQuint Semiconductor
TAT8858A1H TRIQUINT-TAT8858A1H_15 Datasheet
1Mb / 25P
   CATV Infrastructure Push-Pull Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com