Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-011109 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011109
Description  Wideband Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011109 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011109 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011109 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011109 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011109 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011109 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011109 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011109 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011109 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Wideband Amplifier
10 MHz - 40 GHz
Rev. V2
MAAM-011109
4
4
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
4
Typical Performance Curves over Temperature
Input Return Loss
Gain
Noise Figure
Output Return Loss
Output P1dB
Output IP3
0
5
10
15
20
0
10
20
30
40
+25°C
-40°C
+85°C
Frequency (GHz)
0
5
10
15
0
10
20
30
40
+25°C
-40°C
+85°C
Frequency (GHz)
-30
-20
-10
0
0
10
20
30
40
+25°C
-40°C
+85°C
Frequency (GHz)
-30
-20
-10
0
0
10
20
30
40
+25°C
-40°C
+85°C
Frequency (GHz)
0
10
20
30
0
10
20
30
40
+25°C
-40°C
+85°C
Frequency (GHz)
0
10
20
30
0
10
20
30
40
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MAAM-011109

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109 Datasheet
281Kb / 8P
   Wideband Amplifier 10 MHz - 40 GHz
MAAM-011109-001SMB MA-COM-MAAM-011109-001SMB Datasheet
281Kb / 8P
   Wideband Amplifier 10 MHz - 40 GHz
MAAM-011109-DIE MA-COM-MAAM-011109-DIE Datasheet
1Mb / 10P
   Gold-Plated Contact Pads, Backside
MAAM-011109-TR1000 MA-COM-MAAM-011109-TR1000 Datasheet
281Kb / 8P
   Wideband Amplifier 10 MHz - 40 GHz
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
More results

Similar Description - MAAM-011109

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFC1G21H4 RFHIC-RFC1G21H4_17 Datasheet
1,000Kb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-V81-S MINI-ZX60-V81-S Datasheet
314Kb / 4P
   Wideband Amplifier
REV. D
logo
SJM Prewell. All Rights...
PW113 SJM-PW113 Datasheet
248Kb / 4P
   Wideband Amplifier
logo
Mini-Circuits
ZVA-02443HP MINI-ZVA-02443HP Datasheet
403Kb / 4P
   Wideband Amplifier
AVA-183MP-D++ MINI-AVA-183MP-D+ Datasheet
659Kb / 8P
   Wideband Amplifier
REV. OR
logo
Sanyo Semicon Device
SMA3117 SANYO-SMA3117_12 Datasheet
580Kb / 7P
   Wideband Amplifier
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109_15 Datasheet
960Kb / 8P
   Wideband Amplifier
logo
RFHIC
RFC1G22 RFHIC-RFC1G22_17 Datasheet
1Mb / 5P
   Wideband Amplifier
logo
Mini-Circuits
ZX60-23LM MINI-ZX60-23LM Datasheet
311Kb / 3P
   Wideband Amplifier
logo
Sanyo Semicon Device
SMA3109 SANYO-SMA3109 Datasheet
114Kb / 5P
   Wideband Amplifier
logo
RFHIC
RFC1G22-24 RFHIC-RFC1G22-24 Datasheet
152Kb / 3P
   Wideband Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com