Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHN210X1N Datasheet(PDF) 6 Page - International Rectifier

Part # AHN210X1N
Description  Slim and compact size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHN210X1N Datasheet(HTML) 6 Page - International Rectifier

  AHN210X1N Datasheet HTML 1Page - International Rectifier AHN210X1N Datasheet HTML 2Page - International Rectifier AHN210X1N Datasheet HTML 3Page - International Rectifier AHN210X1N Datasheet HTML 4Page - International Rectifier AHN210X1N Datasheet HTML 5Page - International Rectifier AHN210X1N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
NOTES
1. Coil applied voltage
To ensure proper operation, the voltage
applied to both terminals of the coil
should be
±5% (at 20°C 68°F) the rated
operating voltage of the coil.
Also, be aware that the pick-up and drop-
out voltages will fluctuate depending on
the ambient temperature and operating
conditions.
2. LED indications
The light of the light emitting diode is
what displays operation. If voltage
remains after relay dropout, the LED
might illuminate briefly.
3. Switching lifetime
The switching lifetime is defined under
the standard test condition specified in
the JIS C 5442(*2) standard (temperature
15 to 35
°C 59 to 95°F, humidity 25 to
75% R.H.). Check this with the real
device as it is affected by coil driving
circuit, load type, activation frequency,
activation phase,ambient conditions and
other factors.
Also, be especially careful of loads such
as those listed below.
1) When used for AC load-operating and
the operating phase is synchronous.
Rocking and fusing can easily occur due
to contact shifting.
2) High-frequency load-operating
When high-frequency opening and
closing of the relay is performed with a
load that causes arcs at the contacts,
nitrogen and oxygen in the air is fused by
the arc energy and HNO3 is formed. This
can corrode metal materials.
Three countermeasures for these are
listed here.
(1) Incorporate an arc-extinguishing
circuit.
(2) Lower the operating frequency
(3) Lower the ambient humidity
4. Direct mount type (TM type)
If the current to the connection terminal
will exceed 10 A, we recommend
connecting with solder. If you are going to
use a tab terminal when the current will
exceed 10 A, make sure to verify the
temperature rise on the receptacle side
under actual conditions before using.
Please be careful, because excessive
stress on the TM terminal can cause
fluctuations in characteristics and
damage.
5. Conditions for operation, transport
and storage
1) Ambient temperature, humidity, and
atmospheric pressure during usage,
transport, and storage of the relay:
(1) Temperature:
–40 to +70
°C – 40 to +158°F
(2) Humidity: 5 to 85% RH
(Avoid freezing and condensation.)
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
Temperature and humidity range for
usage, transport, and storage
(3) Atmospheric pressure: 86 to 106 kPa
2) Condensation
Condensation forms when there is a
sudden change in temperature under
high temperature and high humidity
conditions. Condensation will cause
deterioration of the relay insulation.
3) Freezing
Condensation or other moisture may
freeze on the relay when the
temperatures is lower than 0
°C 32°F.This
causes problems such as sticking of
movable parts or operational time lags.
4) Low temperature, low humidity
environments
The plastic becomes brittle if the relay is
exposed to a low temperature, low
humidity environment for long periods of
time.
6. Diode characteristics
1) Reverse breakdown voltage:
Min. 1,000V (with diode type)
Min. 400V (with diode and LED indication
type)
7. Diode type
Since the diode inside the relay coil are
designed to absorb the counter emf, the
element may be damaged if a large
surge, etc., is applied to the diode.
If there is the possibility of a large surge
voltage from the outside, please
implement measures to absorb it.
8. Please connect DC coil types with
LED and built-in diode correctly by
verifying the coil polarity (“+” and “–
”). Connecting with reverse polarity
will cause the LED not to light and
damage the built-in diode due to its
specification.
9. Installation
If you will be installing adjacent to other
relays, please keep a distance of at least
5 mm from the relay.
Humidity, %R.H.
Tolerance range
85
5
070
–40
+32
+158
–40
(Avoid
condensation
when used at
temperatures
higher than
0
°C
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)
Temperature,
°C °F
32
°F)


Similar Part No. - AHN210X1N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AHN210X1N PANASONIC-AHN210X1N Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
More results

Similar Description - AHN210X1N

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BPC-8580 PROTECHSYSTEMS-BPC-8580 Datasheet
851Kb / 2P
   Slim and Compact Book Size PC
BPC-8590 PROTECHSYSTEMS-BPC-8590 Datasheet
314Kb / 2P
   Slim and Compact Book Size PC
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
   Slim, Compact and High Performance Book Size PC
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
   Ultra slim and compact design
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
AAEON Technology
DSS-TN40 AAEON-DSS-TN40 Datasheet
232Kb / 2P
   Slim and Compact Digital Signage System
logo
Omron Electronics LLC
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com