Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AHN22048N Datasheet(PDF) 2 Page - International Rectifier

Part # AHN22048N
Description  Slim and compact size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AHN22048N Datasheet(HTML) 2 Page - International Rectifier

  AHN22048N Datasheet HTML 1Page - International Rectifier AHN22048N Datasheet HTML 2Page - International Rectifier AHN22048N Datasheet HTML 3Page - International Rectifier AHN22048N Datasheet HTML 4Page - International Rectifier AHN22048N Datasheet HTML 5Page - International Rectifier AHN22048N Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
HN (AHN)
ASCTB5E 201212-T
TYPES
5. TM type
Standard packing: Carton: 50 pcs.; Case: 500 pcs.
* For sockets and terminal sockets, see page 50.
Nominal coil voltage
1 Form A
Part No.
5V DC
AHN36005
6V DC
AHN36006
12V DC
AHN36012
24V DC
AHN36024
48V DC
AHN36048
100V DC
AHN360X0
110V DC
AHN360X1
12V AC
AHN35012
24V AC
AHN35024
100/110V AC
AHN350X0
110/120V AC
AHN350X1
200/220V AC
AHN350Y0
220/240V AC
AHN350Y2
1. Plug-in type
Standard packing: Carton: 50 pcs.; Case: 500 pcs.
2. Plug-in type (with LED indication)
Standard packing: Carton: 50 pcs.; Case: 500 pcs.
Nominal coil voltage
1 Form C
2 Form C
Part No.
Part No.
5V DC
AHN12005
AHN22005N
6V DC
AHN12006
AHN22006N
12V DC
AHN12012
AHN22012N
24V DC
AHN12024
AHN22024N
48V DC
AHN12048
AHN22048N
100V DC
AHN120X0
AHN220X0N
110V DC
AHN120X1
AHN220X1N
12V AC
AHN11012
AHN21012N
24V AC
AHN11024
AHN21024N
100/110V AC
AHN110X0
AHN210X0N
110/120V AC
AHN110X1
AHN210X1N
200/220V AC
AHN110Y0
AHN210Y0N
220/240V AC
AHN110Y2
AHN210Y2N
Nominal coil voltage
1 Form C
2 Form C
Part No.
Part No.
5V DC
AHN12105
AHN22105N
6V DC
AHN12106
AHN22106N
12V DC
AHN12112
AHN22112N
24V DC
AHN12124
AHN22124N
48V DC
AHN12148
AHN22148N
100V DC
AHN121X0
AHN221X0N
110V DC
AHN121X1
AHN221X1N
12V AC
AHN11112
AHN21112N
24V AC
AHN11124
AHN21124N
100/110V AC
AHN111X0
AHN211X0N
110/120V AC
AHN111X1
AHN211X1N
200/220V AC
AHN111Y0
AHN211Y0N
220/240V AC
AHN111Y2
AHN211Y2N
3. Plug-in type (with diode)
Standard packing: Carton: 50 pcs.; Case: 500 pcs.
4. Plug-in type (with diode and LED indication)
Standard packing: Carton: 50 pcs.; Case: 500 pcs.
Nominal coil voltage
1 Form C
2 Form C
Part No.
Part No.
5V DC
AHN12205
AHN22205N
6V DC
AHN12206
AHN22206N
12V DC
AHN12212
AHN22212N
24V DC
AHN12224
AHN22224N
48V DC
AHN12248
AHN22248N
100V DC
AHN122X0
AHN222X0N
110V DC
AHN122X1
AHN222X1N
Nominal coil voltage
1 Form C
2 Form C
Part No.
Part No.
5V DC
AHN12305
AHN22305N
6V DC
AHN12306
AHN22306N
12V DC
AHN12312
AHN22312N
24V DC
AHN12324
AHN22324N
48V DC
AHN12348
AHN22348N
100V DC
AHN123X0
AHN223X0N
110V DC
AHN123X1
AHN223X1N


Similar Part No. - AHN22048N

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AHN22048N PANASONIC-AHN22048N Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
More results

Similar Description - AHN22048N

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
BPC-8580 PROTECHSYSTEMS-BPC-8580 Datasheet
851Kb / 2P
   Slim and Compact Book Size PC
BPC-8590 PROTECHSYSTEMS-BPC-8590 Datasheet
314Kb / 2P
   Slim and Compact Book Size PC
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
   Slim, Compact and High Performance Book Size PC
logo
Axiomtek Co., Ltd.
EBOX530-820-FL AXIOMTEK-EBOX530-820-FL Datasheet
486Kb / 1P
   Ultra slim and compact design
ICO-200 AXIOMTEK-ICO-200 Datasheet
241Kb / 1P
   Ultra slim and compact design
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
   Super-compact size, Slim-package, Surface mounting type
logo
AAEON Technology
DSS-TN40 AAEON-DSS-TN40 Datasheet
232Kb / 2P
   Slim and Compact Digital Signage System
logo
Omron Electronics LLC
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2FS-YDC3 OMRON-G6JU-2FS-YDC3 Datasheet
347Kb / 12P
   Ultra-compact and Slim DPDT Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com