Electronic Components Datasheet Search |
|
AHN22006N Datasheet(PDF) 4 Page - International Rectifier |
|
AHN22006N Datasheet(HTML) 4 Page - International Rectifier |
4 / 6 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ HN (AHN) ASCTB5E 201212-T REFERENCE DATA DIMENSIONS (mm inch) 1-(1). Max. switching capacity (1 Form C and 1 Form A) 1-(2). Max. switching capacity (2 Form C) 2-(1). Coil temperature rise (1 Form C/AC and 1 Form A/AC types) Measured portion: Inside the coil Ambient temperature: 70 °C 158°F 10 50 20 30 100 250 100 50 30 20 16 10 5 1 0.5 1 Form A and 1 Form C types AC resistive load 1 Form C type DC resistive load 1 Form A type DC resistive load Contact voltage, V 10 5 1 0.5 0.4 0.3 0.2 10 50 20 30 100 250 Contact voltage, V AC resistive load DC resistive load 80 90 100 110 140 120 130 0 20 40 60 80 100 120 Coil applied voltage, %V 16A 0A 2-(2). Coil temperature rise (1 Form C/DC and 1 Form A/DC types) Measured portion: Inside the coil Ambient temperature: 70 °C 158°F 2-(3). Coil temperature rise (2 Form C/AC type) Measured portion: Inside the coil Ambient temperature: 70 °C 158°F 2-(4). Coil temperature rise (2 Form C/DC type) Measured portion: Inside the coil Ambient temperature: 70 °C 158°F 80 90 100 110 140 120 130 0 10 30 20 40 50 60 70 Coil applied voltage, %V 16A 0A 80 90 100 110 140 120 130 0 20 40 60 80 100 120 Coil applied voltage, %V 5A 0A 80 90 100 110 140 120 130 0 10 30 20 40 50 60 70 Coil applied voltage, %V 5A 0A The CAD data of the products with a CAD Data mark can be downloaded from: http://industrial.panasonic.com/ac/e/ 1. Plug-in type 1 Form C External dimensions 4.75 0.5 4.7 7.5 17.5 5.2 5.2 Max. 13 Max. 29 Max. 29 5.3 0.5 .187 .020 .185 .295 .689 .205 .205 Max. .512 Max. 1.142 Max. 1.142 .209 .020 Schematic (Bottom view) Standard type 52 4 3 1 With LED AC type With Diode type With LED DC type With Diode and LED type 52 4 3 1 52 4 3 1 1 3 4 2 5 1 3 4 2 5 CAD Data Dimension: Less than 1mm .039inch: Min. 1mm .039inch less than 3mm .118 inch: Min. 3mm .118 inch: Tolerance ±0.1 ±.004 ±0.2 ±.008 ±0.3 ±.012 |
Similar Part No. - AHN22006N |
|
Similar Description - AHN22006N |