Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3047 Datasheet(PDF) 10 Page - Alpha Wire

Part # 3047
Description  Hook-Up Wire
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

3047 Datasheet(HTML) 10 Page - Alpha Wire

Back Button 3047 Datasheet HTML 6Page - Alpha Wire 3047 Datasheet HTML 7Page - Alpha Wire 3047 Datasheet HTML 8Page - Alpha Wire 3047 Datasheet HTML 9Page - Alpha Wire 3047 Datasheet HTML 10Page - Alpha Wire 3047 Datasheet HTML 11Page - Alpha Wire 3047 Datasheet HTML 12Page - Alpha Wire 3047 Datasheet HTML 13Page - Alpha Wire 3047 Datasheet HTML 14Page - Alpha Wire Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
Alpha Wire | www.alphawire.com | 1-800-52 ALPHA
Specifications subject to change. For complete specifications and availability, visit www.alphawire.com.
386
Wire > Hook-Up Wire > 600 V
Hook-Up Wire
600 V, PVC
MIL-DTL-16878/2 (Type C)
UL VW-1
Operating Temperature
• -55°C to +105°C
Materials
• Stranded tinned copper
conductor
• PVC insulation
Availability
100 ft (30.5 m)
1000 ft (305 m)
Part No.
Wire Size
Stranding
Insulation Thickness Nominal Diameter
AWG
mm2
AWG
mm
Inch
mm
Inch
mm
202207
22
0.35
7/30
7 x 0.25
0.017
0.43
0.064
1.63
202007
20
0.56
7/28
7 x 0.32
0.017
0.43
0.072
1.83
201807
18
0.90
7/26
7 x 0.40
0.017
0.43
0.082
2.08
201819
18
0.96
19/30
19 x 0.25
0.017
0.43
0.084
2.13
201619
16
1.23
19/29
19 x 0.29
0.019
0.47
0.093
2.36
201419
14
1.94
19/27
19 x 0.36
0.019
0.47
0.108
2.74
201219
12
3.08
19/25
19 x 0.45
0.019
0.47
0.127
3.23
Insulation Colors
White
Yellow
Slate
Black
Blue
Violet
Red
Brown
Green
Orange


Similar Part No. - 3047

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
3047 ALPHAWIRE-3047 Datasheet
98Kb / 4P
   Customer Specification
2/16/2023
logo
Heyco.
3047 HEYCO-3047 Datasheet
135Kb / 1P
   Large Dome Plugs
logo
RAF ELECTRONIC HARDWARE
3047-B-440-AL RAF-3047-B-440-AL Datasheet
79Kb / 1P
   1/4 ROUND SWAGE STANDOFFS
3047-B-632-B RAF-3047-B-632-B Datasheet
75Kb / 1P
   1/4 ROUND SWAGE STANDOFFS
logo
PHOENIX CONTACT
3047060 PHOENIX-3047060 Datasheet
67Kb / 2P
   RB UT 10-(2,5/4)
More results

Similar Description - 3047

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
   HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
   HOOK UP WIRE
C2101A GENERAL-C2101A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2016A GENERAL-C2016A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2052A GENERAL-C2052A Datasheet
73Kb / 1P
   HOOK-UP WIRE
C2117A GENERAL-C2117A Datasheet
80Kb / 1P
   HOOK-UP WIRE
C2003A GENERAL-C2003A Datasheet
73Kb / 1P
   HOOK-UP WIRE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com