Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEN3-4815Z21LF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # PEN3-4815Z21LF
Description  PEN-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PEN3-4815Z21LF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  PEN3-4815Z21LF Datasheet HTML 1Page - PEAK electronics GmbH PEN3-4815Z21LF Datasheet HTML 2Page - PEAK electronics GmbH PEN3-4815Z21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PEN-Series – PEN3-xxxxE/Z2:1LF – Single and Dual Output – DIP24 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/3
Package / Pinning / Derating
#
SINGLE
DUAL
2
- Vin
- Vin
3
- Vin
- Vin
9
Omitted
Common
11
N.C.
- Vout
14
+Vout
+Vout
16
- Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
others Omitted
Omitted
PIN CONNECTIONS
App Notes:
¹ = Measured Input reflected ripple current with a simulated source inductance of 12uH.
² = Test by nominal input voltage and constant resistor load.


Similar Part No. - PEN3-4815Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN3-4815Z21 PEAK-PEN3-4815Z21 Datasheet
186Kb / 2P
   PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24
More results

Similar Description - PEN3-4815Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PEN5 PEAK-PEN5_14 Datasheet
135Kb / 3P
   PEN-SERIES
PEN4 PEAK-PEN4_14 Datasheet
140Kb / 3P
   PEN-SERIES
PEN6 PEAK-PEN6_14 Datasheet
141Kb / 3P
   PEN-SERIES
logo
PHOENIX CONTACT
2701379 PHOENIX-2701379 Datasheet
47Kb / 1P
   Touch pen - TOUCH PEN
5067828 PHOENIX-5067828 Datasheet
62Kb / 3P
   Marker pen - CMS-PEN 0,35
09/12/2020
0815211 PHOENIX-0815211 Datasheet
56Kb / 3P
   Disposable pen, non-refillable - P-PEN
09/11/2020
logo
Panasonic Semiconductor
ET-PEN100 PANASONIC-ET-PEN100 Datasheet
40Kb / 1P
   Interactive pen
logo
PHOENIX CONTACT
5067941 PHOENIX-5067941 Datasheet
43Kb / 2P
   Marker pen - CMS-PEN-D/AD 0,25
5146686 PHOENIX-5146686 Datasheet
53Kb / 3P
   Marker pen - CMS-DISPOSABLE-PEN 0,35 TR
09/12/2020
logo
ASM GmbH
8111 ASM-SENSOR-8111 Datasheet
1Mb / 4P
   PEN RECORDER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com