Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PECO6-x-4824E21LF Datasheet(PDF) 2 Page - PEAK electronics GmbH

Part # PECO6-x-4824E21LF
Description  PECO-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PECO6-x-4824E21LF Datasheet(HTML) 2 Page - PEAK electronics GmbH

  PECO6-x-4824E21LF Datasheet HTML 1Page - PEAK electronics GmbH PECO6-x-4824E21LF Datasheet HTML 2Page - PEAK electronics GmbH PECO6-x-4824E21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PECO-Series – PECO6-x-xxxxE/Z2:1(H35)(M)LF – Single/Dual Output – DIP24 – Plastic/Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 2/3
Selection Guide
Single/Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC
)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Volt
age
(VD
C)
Out
put
Cur
rent
Min
. Lo
ad (
mA
)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effi
cien
cy (
%)
Cap
acit
or L
oad
(uF
SINGLE OUTPUT - standard (1.5kV, plastic case)
PECO6-x-1205E2:1LF
9-18
20
649
5
300
1200
77
2200
PECO6-x-1209E2:1LF
9-18
20
649
9
166.5
666
77
470
PECO6-x-1212E2:1LF
9-18
20
625
12
125
500
80
470
PECO6-x-1215E2:1LF
9-18
20
625
15
100
400
80
470
PECO6-x-1224E2:1LF
9-18
20
625
24
62.5
250
80
220
PECO6-x-2405E2:1LF
18-36
12
312
5
300
1200
80
2200
PECO6-x-2409E2:1LF
18-36
12
301
9
166.5
666
83
470
PECO6-x-2412E2:1LF
18-36
12
301
12
125
500
83
470
PECO6-x-2415E2:1LF
18-36
12
301
15
100
400
83
470
PECO6-x-2424E2:1LF
18-36
12
301
24
62.5
250
83
220
PECO6-x-4805E2:1LF
36-72
8
156
5
300
1200
80
2200
PECO6-x-4809E2:1LF
36-72
8
150
9
166.5
666
83
470
PECO6-x-4812E2:1LF
36-72
8
150
12
125
500
83
470
PECO6-x-4815E2:1LF
36-72
8
150
15
100
400
83
470
PECO6-x-4824E2:1LF
36-72
8
150
24
62.5
250
83
220
DUAL OUTPUT - standard (1.5kV, plastic case)
PECO6-x-1205Z2:1LF
9-18
20
649
± 5
± 150
± 600
77
± 1000
PECO6-x-1209Z2:1LF
9-18
20
649
± 9
± 83.3
± 333
77
± 220
PECO6-x-1212Z2:1LF
9-18
20
625
± 12
± 62.5
± 250
80
± 220
PECO6-x-1215Z2:1LF
9-18
20
625
± 15
± 50
± 200
80
± 220
PECO6-x-1224Z2:1LF
9-18
20
625
± 24
± 31.3
± 125
80
± 100
PECO6-x-2405Z2:1LF
18-36
12
312
± 5
± 150
± 600
80
± 1000
PECO6-x-2409Z2:1LF
18-36
12
301
± 9
± 83.3
± 333
83
± 220
PECO6-x-2412Z2:1LF
18-36
12
301
± 12
± 62.5
± 250
83
± 220
PECO6-x-2415Z2:1LF
18-36
12
301
± 15
± 50
± 200
83
± 220
PECO6-x-2424Z2:1LF
18-36
12
301
± 24
± 31.3
± 125
83
± 100
PECO6-x-4805Z2:1LF
36-72
8
156
± 5
± 150
± 600
80
± 1000
PECO6-x-4809Z2:1LF
36-72
8
150
± 9
± 83.3
± 333
83
± 220
PECO6-x-4812Z2:1LF
36-72
8
150
± 12
± 62.5
± 250
83
± 220
PECO6-x-4815Z2:1LF
36-72
8
152
± 15
± 50
± 200
82
± 220
PECO6-x-4824Z2:1LF
36-72
8
152
± 24
± 31.3
± 125
82
± 100
If you need other specifications, please enquire.
*OPTIONS:
PINNING “A” / “B” / “C”
Please see table on page 3 and choose
your pinning.
(PECO6-A-2412E2:1LF for Pinning “A”)
3.5 kV I/O Isolation
For optional 3.5kV DC I/O Isolation,
please add “H35” before (M)LF!
(PECO6-A-2412E2:1H35LF)
Metal case
For optional Metal case, please add “M”
before LF!
(PECO6-A-2412E2:1H35MLF)


Similar Part No. - PECO6-x-4824E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PECO1-x-0505E21LF PEAK-PECO1-x-0505E21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO1-x-0505Z21LF PEAK-PECO1-x-0505Z21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO1-x-0509E21LF PEAK-PECO1-x-0509E21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO1-x-0509Z21LF PEAK-PECO1-x-0509Z21LF Datasheet
149Kb / 4P
   PECO-SERIES
PECO1-x-0512E21LF PEAK-PECO1-x-0512E21LF Datasheet
149Kb / 4P
   PECO-SERIES
More results

Similar Description - PECO6-x-4824E21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
PECO3 PEAK-PECO3_14 Datasheet
149Kb / 4P
   PECO-SERIES
PECO4 PEAK-PECO4_14 Datasheet
146Kb / 3P
   PECO-SERIES
PECO1 PEAK-PECO1_14 Datasheet
149Kb / 4P
   PECO-SERIES
PECO2 PEAK-PECO2_14 Datasheet
149Kb / 4P
   PECO-SERIES
PECO5 PEAK-PECO5_14 Datasheet
145Kb / 3P
   PECO-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com