Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6111 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N6111
Description  PNP PLASTIC POWER TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N6111 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N6111 Datasheet HTML 1Page - Continental Device India Limited 2N6111 Datasheet HTML 2Page - Continental Device India Limited 2N6111 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current (Peak value)
IC
max.
10 A
Base current
IB
max.
3.0 A
Total power dissipation up to TC = 25°C
Ptot
max.
40 W
Derate above 25°C
max.
0.32 W/°C
Junction temperature
Tj
max.
150 ºC
Storage temperature
Tstg
–65 to +150 ºC
THERMAL RESISTANCE
From junction to case
Rth j–c
=
3.125 °C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
Collector cutoff current
IB = 0; VCE = 20V
ICEO
max.
1.0 mA
VEB(off) = 1.5V; VCE = 40V
ICEX
max.
0.1 mA
VEB(off) = 1.5V; VCE = 30V; TC = 150°C
ICEX
max.
2.0 mA
Emitter cut-off current
IC = 0; VEB = 5V
IEBO
max.
1.0 mA
Breakdown voltages
IC = 100 mA; IB = 0
VCEO(sus)*
min.
30 V
IC = 1 mA; IE = 0
VCBO
min.
40 V
IE = 1 mA; IC = 0
VEBO
min.
5.0 V
Saturation voltages
IC = 3A; IB = 0.3A
VCEsat*
max.
1.0 V
IC = 7 A; IB = 3 A
VCEsat*
max.
3.5 V
Base emitter on voltage
IC = 3 A; VCE = 4V
VBE(on)*
max.
1.5 V
IC = 7 A; VCE = 4V
VBE(on)*
max.
3.0 V
D.C. current gain
IC = 3A; VCE = 4V
hFE*
min.
30
max.
150
IC = 7A; VCE = 4V
hFE*
min.
2.3
Small-signal current gain f = 50 KHz
IC = 0.5A; VCE = 4V
hfe
min.
20
Output capacitance at f = 1 MHz
IE = 0; VCB = 10V
Co
max.
250 pF
Transition frequency at f = 1 MHz
IC = 500 mA; VCE = 4V
fT (1)
min.
10 MHz
* Pulse test: pulse width
≤ 300 µs; duty cycle ≤ 2%.
(1) fT = |hfe|• ftest
2N6111


Similar Part No. - 2N6111

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6111 MOSPEC-2N6111 Datasheet
171Kb / 4P
   POWER TRANSISTORS(7A,40W)
logo
Savantic, Inc.
2N6111 SAVANTIC-2N6111 Datasheet
95Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
2N6111 ONSEMI-2N6111 Datasheet
149Kb / 4P
   POWER TRANSISTORS COMPLEMENTARY SILICON
April, 2002 ??Rev. 5
2N6111 ONSEMI-2N6111 Datasheet
112Kb / 5P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 11
logo
STMicroelectronics
2N6111 STMICROELECTRONICS-2N6111 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
More results

Similar Description - 2N6111

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB546 CDIL-CSB546 Datasheet
120Kb / 3P
   PNP PLASTIC POWER TRANSISTOR
C43C2 CDIL-C43C2 Datasheet
149Kb / 3P
   PNP PLASTIC POWER TRANSISTOR
CSB856 CDIL-CSB856 Datasheet
130Kb / 3P
   PNP PLASTIC POWER TRANSISTOR
CSA748 CDIL-CSA748 Datasheet
139Kb / 3P
   PNP PLASTIC POWER TRANSISTOR
2N6109 CDIL-2N6109 Datasheet
255Kb / 3P
   PNP PLASTIC POWER TRANSISTOR
CSA715 CDIL-CSA715 Datasheet
66Kb / 3P
   PNP PLASTIC POWER TRANSISTOR
C45C8 CDIL-C45C8 Datasheet
256Kb / 4P
   PNP PLASTIC POWER TRANSISTOR
CSB1065 CDIL-CSB1065 Datasheet
138Kb / 3P
   PNP PLASTIC POWER TRANSISTOR
CSB507 CDIL-CSB507 Datasheet
129Kb / 3P
   PNP / NPN PLASTIC POWER TRANSISTOR
CSB1436 CDIL-CSB1436 Datasheet
70Kb / 2P
   PNP SILICON PLASTIC POWER TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com