Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P44TG-1215Z21MLF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P44TG-1215Z21MLF
Description  PMU-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P44TG-1215Z21MLF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P44TG-1215Z21MLF Datasheet HTML 1Page - PEAK electronics GmbH P44TG-1215Z21MLF Datasheet HTML 2Page - PEAK electronics GmbH P44TG-1215Z21MLF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PMU-Series – P44TG-xxxxE/Z2:1LF – Single and Dual Output – DIP24 - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/3
Package / Pinning / Derating
71
85
100%
75%
50%
25%
-40 -20
0
20
40
60
80
100
AMBIENT TEMPERATURE (°C)
TEMPERATURE DERATING GRAPH
#
SINGLE
DUAL
1
Ctrl. On/Off Ctrl. On/Off
2
- Vin
- Vin
3
- Vin
- Vin
9
Omitted
Common
11 N.C.
- Vout
14 +Vout
+Vout
16 - Vout
Common
22 +Vin
+Vin
23 +Vin
+Vin
PIN CONNECTIONS
App Notes:
¹ = Tested by nominal Vin and 75% - 25% load, 25% load step change.
² = Tested by minimal Vin and constant resistive load.
Over Voltage Protection (Zender diode clamp)
2.5 Vout, 3.3 Vout:
3.9 V
5 Vout
6.2 V
12 Vout
15 V
15 Vout
18 V
± 12 Vout
± 15 V
± 15 Vout
± 18 V
The Remote on/off controll:
ON:
3.0 … 12.0 VDC or open circuit
OFF:
0 - 1.2 VDC or short circuit PIN 1 and PIN 2 / 3
OFF idle current:
5.0 mA, typ.


Similar Part No. - P44TG-1215Z21MLF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P44TG-2405Z41LF PEAK-P44TG-2405Z41LF Datasheet
155Kb / 4P
   Continuous Short Circuit Prot
P44TG-2412E41LF PEAK-P44TG-2412E41LF Datasheet
155Kb / 4P
   Continuous Short Circuit Prot
P44TG-2412Z41LF PEAK-P44TG-2412Z41LF Datasheet
155Kb / 4P
   Continuous Short Circuit Prot
P44TG-2415E41LF PEAK-P44TG-2415E41LF Datasheet
155Kb / 4P
   Continuous Short Circuit Prot
P44TG-2415Z41LF PEAK-P44TG-2415Z41LF Datasheet
155Kb / 4P
   Continuous Short Circuit Prot
More results

Similar Description - P44TG-1215Z21MLF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659121 TI1-TPS659121 Datasheet
116Kb / 8P
[Old version datasheet]   PMU FOR PROCESSOR POWER
logo
Monolithic Power System...
MP5414 MPS-MP5414 Datasheet
687Kb / 22P
   PMU for 3D Glasses
logo
Texas Instruments
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659037 TI1-TPS659037 Datasheet
1Mb / 96P
[Old version datasheet]   Power Management Unit (PMU)
TPS65720 TI-TPS65720 Datasheet
1Mb / 50P
[Old version datasheet]   PMU for Bluetooth Headsets
logo
Shenzhen Huazhimei Semi...
HM5801 HMSEMI-HM5801 Datasheet
2Mb / 19P
   PMU for Portable Applications
logo
Active-Semi, Inc
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
   Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com