Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGE60831 Datasheet(PDF) 3 Page - Ericsson

Part # PGE60831
Description  EDFA Gain Block for DWDM Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PGE60831 Datasheet(HTML) 3 Page - Ericsson

  PGE60831 Datasheet HTML 1Page - Ericsson PGE60831 Datasheet HTML 2Page - Ericsson PGE60831 Datasheet HTML 3Page - Ericsson PGE60831 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PGE 608 31
3
Optical Characteristics
Electrical and optical characteristics over recommended operating conditions, unless otherwise noted.
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Operating Wavelength
λ
L
1530
1560
nm
Input Power
P
IL
-9
-6
0
Output Power
P
out
12
13
dBm
Noise Figure
@ P
IL=-6 dBm @ λL
NF
68dB
Gain Flatness
@ P
IL=-6 dBm @ λL (Note1)
G
FLAT
-1
1
dB
Note 1. G
FLAT=(GMAX-GMIN)/2, where GMAX is the maximum gain for λL and GMIN is the minimum gain for λL.
The gain is measured as dynamic gain under constant saturation between 1540 and 1560 nm.
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Operating Current
I
DRIVE
720
mA
Operating Voltage
VF
2.5
V
Power Dissipation
P
E
7W
Thermistor Resistance
R
TH
9.5
10
10.5
k
TEC Current
I
TEC
1.2
A
TEC Voltage
V
TEC
3.3
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Operating Case Temperature
T
Case
-5
70
°C
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Unit
Storage Temperature
T
stg
-40
75
°C
Drive Current
I
LD_MAX
800
mA
CAUTION: Stresses outside those listed in ”Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress only rating and operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied.


Similar Part No. - PGE60831

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGE60830 ERICSSON-PGE60830 Datasheet
314Kb / 4P
   EDFA Gain Block for DWDM Applications
More results

Similar Description - PGE60831

ManufacturerPart #DatasheetDescription
logo
Ericsson
PGE60830 ERICSSON-PGE60830 Datasheet
314Kb / 4P
   EDFA Gain Block for DWDM Applications
PGE60817 ERICSSON-PGE60817 Datasheet
285Kb / 4P
   EDFA Gain Block for DWDM Applications
PGE60816 ERICSSON-PGE60816 Datasheet
285Kb / 4P
   EDFA Gain Block for DWDM Applications
PGE60821 ERICSSON-PGE60821 Datasheet
327Kb / 4P
   EDFA Gain Block for DWDM Applications
logo
OPLINK Communications I...
MINI-GFFM OPLINK-MINI-GFFM Datasheet
233Kb / 2P
   Mini Gain Flattening Filter for EDFA
logo
Finisar Corporation.
50-11-0234-01R FINISAR-50-11-0234-01R Datasheet
760Kb / 3P
   Compact 70x90 mm Variable Gain EDFA
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
JDS Uniphase Corporatio...
OAC-17F03500C3 JDSU-OAC-17F03500C3 Datasheet
130Kb / 3P
   17 dBm Controlled EDFA for Metro and Long Haul Applications
logo
Bookham, Inc.
IGP-28111J BOOKHAM-IGP-28111J Datasheet
1Mb / 17P
   SFP Optical Transceivers for 2.7Gb/s 180km DWDM Applications
logo
Emcore Corporation
MAFA1000 EMCORE-MAFA1000 Datasheet
620Kb / 4P
   EDFA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com