Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P30WG-2415Z41LF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P30WG-2415Z41LF
Description  PMTW-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P30WG-2415Z41LF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P30WG-2415Z41LF Datasheet HTML 1Page - PEAK electronics GmbH P30WG-2415Z41LF Datasheet HTML 2Page - PEAK electronics GmbH P30WG-2415Z41LF Datasheet HTML 3Page - PEAK electronics GmbH P30WG-2415Z41LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PMTW-Series – P30WG-xxxxE/Z/D 4:1LF – Single, Dual and Triple Output – 2”x1” - Metal Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/4
Package / Pinning / Derating
10.16
(0.40)
5.08
(0.20)
min.
Bottom View
4
6
5
10.16
(0.40)
1
2
5.08
(0.20)
5.08
(0.20)
10.16
(0.40)
10.16
(0.40)
2.54
(0.10)
2.54
(0.10)
DIA.
1.00
(0.04)
All dimensions are typical in millimeters (inches).
- Pin diameter: 1.0 +/-0.05 (0.04 +/-0.002)
- Pin pitch tolerance: +/-0.35 (+/-0.014)
- Case tolerance +/-0.5 (+/-0.02)
Specification may change without notice.
2" x 1" – METAL CASE
3
ONLY
AND
OUTPUT MODELS
Bottom View
4
7
5
7.62
(0.30)
1
2
10.16
(0.40)
5.08
(0.20)
5.08
(0.20)
7.62
(0.30)
2.54
(0.10)
2.54
(0.10)
3
ONLY
OUTPUT MODELS
5.08
(0.20)
6
7.62
(0.30)
2.54
(0.10)
#
SINGLE
DUAL
TRIPLE
1 +Vin
+Vin
+Vin
2 - Vin
- Vin
- Vin
3 CTRL
CTRL
CTRL
4 +Vout
+Vout
+Aux
5 - Vout
COM
- Aux
6 TRIM
- Vout
COM
7
+Vout
PIN CONNECTIONS
Notes:


Similar Part No. - P30WG-2415Z41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P30WG-2415Z2:1LF PEAK-P30WG-2415Z2:1LF Datasheet
168Kb / 4P
   2:1 Wide Input
More results

Similar Description - P30WG-2415Z41LF

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com