Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P18TG-2409Z21LF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P18TG-2409Z21LF
Description  PMD-SERIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P18TG-2409Z21LF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P18TG-2409Z21LF Datasheet HTML 1Page - PEAK electronics GmbH P18TG-2409Z21LF Datasheet HTML 2Page - PEAK electronics GmbH P18TG-2409Z21LF Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PMD-Series – P18TG-xxxxE/Z2:1(H35)LF – Single and Dual Output – DIP24 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/3
P18TG-xxxxE/Z2:1(H35)LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
2:1 Wide Input
Input Filter
Pi Type
Input Reflected Ripple Current¹
35 mA pk-pk
Output Specifications
Voltage Accuracy
± 1%
Short Circuit Protection
Indefinite (automatic recovery)
Line Regulation
± 0.5%
Load Regulation
± 0.5% (3.3 / ± 3.3Vout Models: ± 1.5%)
Ripple and Noise (20Mhz bandwidth)
60 mV pk-pk
Temperature Coefficient
± 0.02% / °C
General Specifications
Efficiency
See Table
I/O Isolation Voltage (3 sec.)
1500 VDC (3500 VDC optional)*
I/O Isolation Capacity
470 pF, typ.
I/O Isolation Resistance
1000 MOhm
Switching Frequency (typical)
266 kHz
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 13.5g, typ.
Environment Specifications
Operating Temperature
-40 to +85°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMD 4W series P18TG-xxxxE/Z2:1(H35)LF is a family of cost effective
4W single & dual output DC-DC converters. These converters are
encapsulated in miniature DIP24 plastic case. High performance features:
1500VDC up to 3500VDC input/output isolation, continuous short circuit
protection with automatic restart and tight line / load regulation, high
efficiency operation, output voltage accuracy of ±1% maximum and a wide
input range of 2:1
PMD-SERIES
4 Watt
Regulated
DIP24 Case
1.5 to 3.5 kV DC I/O Isolation
SINGLE and DUAL Output
Continuous Short Circuit Prot.
Full SMD Technology
Rev.11-2008


Similar Part No. - P18TG-2409Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P18TG-2409Z21MLF PEAK-P18TG-2409Z21MLF Datasheet
146Kb / 3P
   PMD-SERIES
More results

Similar Description - P18TG-2409Z21LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P34TG PEAK-P34TG_14 Datasheet
135Kb / 3P
   PMD-SERIES
P22TG PEAK-P22TG_14 Datasheet
139Kb / 3P
   PMD-SERIES
P26TG PEAK-P26TG_14 Datasheet
139Kb / 3P
   PMD-SERIES
P18TG-123R3E21MLF PEAK-P18TG-123R3E21MLF Datasheet
146Kb / 3P
   PMD-SERIES
P42TG PEAK-P42TG_14 Datasheet
136Kb / 3P
   PMD-SERIES
logo
STMicroelectronics
L5961 STMICROELECTRONICS-L5961_08 Datasheet
161Kb / 7P
   MOST power management device (PMD)
logo
RFE international
PMD RFE-PMD Datasheet
56Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
REV 2013.02.13
logo
Micro Linear Corporatio...
ML6673 MICRO-LINEAR-ML6673 Datasheet
183Kb / 8P
   Fast Ethernet/FDDI TP-PMD Transceiver
ML6691 MICRO-LINEAR-ML6691 Datasheet
143Kb / 10P
   100BASE-T MII-to-PMD Transceiver
logo
RFE international
PMD105M2E RFE-PMD105M2E Datasheet
85Kb / 1P
   METALIZED POLYPROPYLENE FILM CAPACITORS PMD Series: Radial Dipped
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com