Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAATSS0015 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAATSS0015
Description  Digital Attenuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAATSS0015 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAATSS0015 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAATSS0015 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAATSS0015 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Digital Attenuator, 15 dB, 4-Bit
DC - 2.0 GHz
Rev. V3
MAATSS0015
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Ordering Information
1
1. Reference Application Note M513 for reel size information.
Pin Configuration
Pin No.
Function
Pin No.
Function
1
VC1
9
RF2
2
VC1
10
GND
3
VC2
11
GND
4
VC2
12
GND
5
VC3
13
GND
6
VC3
14
GND
7
VC4
15
GND
8
VC4
16
RF1
Functional Schematic
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
RF1
GND
GND
GND
GND
GND
GND
RF2
8 dB
4 dB
2 dB
1 dB
VC1VC1
VC2VC2
VC3VC3
VC4VC4
Features
• 1-dB Attenuation Steps to 15 dB
• High Accuracy
• Low Intermodulation Product: +50 dBm IP3
• Low DC Power Consumption: 50 µW
• Tape and Reel Packaging Available
• Temperature Stability +/-0.15 dB: -40°C to +85°C
• Lead-Free SOIC-16 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Re-flow Compatible
• RoHS* Compliant Version of AT-210
Description
M/A-COM’s MAATSS0015 is a 4-bit, 1-dB step
GaAs MMIC digital attenuator in a lead-free SOIC
16-lead
surface
mount
plastic
package.
The
MAATSS0015 is ideally suited for use where high
accuracy,
fast
switching,
very
low
power
consumption and low intermodulation products are
required. Typical applications include radio, cellular,
and wireless LANs, GPS equipment and other gain/
level control circuits.
The MAATSS0015 is fabricated with a monolithic
GaAs MMIC using a mature 1-micron process. The
process features full chip passivation for increased
performance and reliability.
Part Number
Package
MAATSS0015
SOIC 16-Lead Plastic Package
MAATSS0015TR
Tape & Reel
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power:
50 MHz
500-2000 MHz
+27 dBm
+34 dBm
Control Voltage
-8.5 V
≤ V
C ≤ 5V
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.


Similar Part No. - MAATSS0015

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
Tyco Electronics
MAATSS0015TR MACOM-MAATSS0015TR Datasheet
111Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0015TR MA-COM-MAATSS0015TR Datasheet
82Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
MAATSS0015 MA-COM-MAATSS0015_15 Datasheet
82Kb / 3P
   Digital Attenuator
More results

Similar Description - MAATSS0015

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com