Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P14RG-4815Z41LF Datasheet(PDF) 1 Page - PEAK electronics GmbH

Part # P14RG-4815Z41LF
Description  PMBW-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P14RG-4815Z41LF Datasheet(HTML) 1 Page - PEAK electronics GmbH

  P14RG-4815Z41LF Datasheet HTML 1Page - PEAK electronics GmbH P14RG-4815Z41LF Datasheet HTML 2Page - PEAK electronics GmbH P14RG-4815Z41LF Datasheet HTML 3Page - PEAK electronics GmbH P14RG-4815Z41LF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PMBW-Series – P14RG-xxxxE/Z4:1LF – Single / Dual Output – SIP9 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 1/4
P14RG-xxxxE/Z4:1LF
All specifications typical at Ta=25°C, nominal input voltage and full load unless otherwise specified
Input Specifications
Voltage Range
4:1 Ultra Wide Input (see table)
Input Filter
Capacitor
Input Reflected Ripple Current¹
20 mA pk-pk
Start-up Time
10 mS, typ.
Output Specifications
Voltage Accuracy
± 1%
Short Circuit Protection
Indefinite (hiccup, Automatic Recovery)
Line Regulation
± 0.5%
Load Regulation (0% - 100%)
± 0.5%, max.(<10% load: ±1% for 3.3Vout and 5Vout)
Cross Regulation (Dual Output)
± 5%
Ripple and Noise (20Mhz bandwidth)
50 mV pk-pk
Temperature Coefficient
± 0.02% / °C
Transient Recovery Time
3
300 us, typ.
Transient Response Deviation
3
± 3%, max.
General Specifications
I/O Isolation Voltage (3 sec.)
1500 VDC
I/O Isolation Capacity
500 pF, max.
I/O Isolation Resistance
1000 M Ohm
Switching Frequency
250 kHz
Humidity
95% rel H
Reliability Calculated MTBF (MIL-HDBK-217F)
> 1.212 Mhrs
Physical Specifications
Case Material
Non Conductive Black Plastic (UL94V-0 rated)
Potting Material
Epoxy (UL94V-0 rated)
Weight
~ 6.5 g, typ.
Environment Specifications
Operating Temperature
-40 to +75°C (ambient)
Maximum Case Temperature
100°C
Storage Temperature
-40 to +125°C
Cooling
Free Air Convection (10mm distance required)
RoHS Conform
Soldering 260°C, max. (1.5mm from case 10s.)
Mainzer Straße 151–153
D-55299 Nackenheim
Tel. +49 6135 7026-0
Fax: +49 6135 931070
www.peak-electronics.de
peak@peak-electronics.de
The PMBW 3Watt series is a family of cost effective DCDC converters with
4:1 ultra wide input, 3W single and dual output DC/DC converters with
control Pin. These converters are encapsulated in an ultra miniature SIP9
plastic case. High performance features: continuous / long time short circuit
protection with automatic restart and tight line / load regulation, high
efficiency operation and output voltage accuracy of ±2% maximum.
PMBW-SERIES
3 Watt
4:1 Ultra Wide Input
Reg. Single and Dual Output
1.5 kV DC I/O Isolation
SIP9 case
On/Off Control
Contin. Short Circuit Protection
Rev.04-2009


Similar Part No. - P14RG-4815Z41LF

ManufacturerPart #DatasheetDescription
logo
Semikron International
P14 SEMIKRON-P14 Datasheet
293Kb / 3P
   For isolated power modules
logo
Ferroxcube Internationa...
P14 FERROXCUBE-P14 Datasheet
115Kb / 12P
   P cores and accessories
P14 FERROXCUBE-P14 Datasheet
39Kb / 3P
   P cores and accessories
logo
Schneider Electric
P14 SCHNEIDER-P14 Datasheet
3Mb / 64P
   Manual Motor Starters, Controllers, and Protectors Type GV2, GV3, and GV7
10/02
logo
PANDUIT CORP.
P14-10F PANDUIT-P14-10F Datasheet
60Kb / 1P
   16-14 BARREL NON-INSULATED FORK
More results

Similar Description - P14RG-4815Z41LF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10RG PEAK-P10RG_14 Datasheet
155Kb / 4P
   PMBW-SERIES
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com