Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-010512 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-010512
Description  Amplifier, Power, 0.8 W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-010512 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAAP-010512 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-010512 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-010512 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-010512 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-010512 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-010512 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Amplifier, Power, 0.8 W
40.5 - 43.5 GHz
Rev. V3
MAAP-010512
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
1
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin Configuration 1,2
Functional Schematic
Features
 Gain: 22 dB
 P1dB: 27 dBm
 High Linearity, OIP3: 38 dBm
 Integrated Power Detector
 Lead-Free 7 mm Laminate Package
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAAP-010512 is a 4-stage, high linearity 1W
power amplifier in a 7x7 mm laminate package,
allowing easy assembly. This PA product is fully
matched to 50 ohms on both the input and output. It
is designed for use as a power amplifier stage in
transmit chains and is ideally suited for 42 GHz
band point-to-point radios.
Each device is 100% RF tested to ensure
performance compliance. The part is fabricated
using an efficient pHEMT process.
Ordering Information
Pin No.
Function
Pin No.
Function
1
RFIN
9
RFOUT
2
VG1
10
VD3
3
VG2
11
VD2
4
VG3
12
VD1
5
No Connection
13
No Connection
6
No Connection
14
No Connection
7
VREFERENCE
15
No Connection
8
VDETECTOR
16
No Connection
Paddle
Ground
1. MACOM recommends connecting unused package pins to
ground.
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Part Number
Package
MAAP-010512-000000
Bulk quantity
MAAP-010512-TR0200
200 Piece Reel
MAAP-010512-TR0500
500 Piece Reel
MAAP-010512-001SMB
Sample Evaluation board


Similar Part No. - MAAP-010512

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010512 MA-COM-MAAP-010512_15 Datasheet
1Mb / 6P
   Amplifier, Power
More results

Similar Description - MAAP-010512

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC551LP4 HITTITE-HMC551LP4_11 Datasheet
665Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC353MS8 HITTITE-HMC353MS8_01 Datasheet
248Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC551LP4 HITTITE-HMC551LP4 Datasheet
303Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ Datasheet
191Kb / 7P
   2.5 W Power Amplifier
MAAP-010169 MA-COM-MAAP-010169 Datasheet
231Kb / 6P
   10 W Power Amplifier
MAAP-010516 MA-COM-MAAP-010516 Datasheet
493Kb / 8P
   3 W Power Amplifier
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
   Power Amplifier, 13 W
MAAP-008924 MA-COM-MAAP-008924_15 Datasheet
677Kb / 5P
   Amplifier, Power, 1.2 W
MAAP-015024-V3 MA-COM-MAAP-015024-V3 Datasheet
1,012Kb / 7P
   Power Amplifier, 8 W
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com