Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-010171 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-010171
Description  Amplifier, Power, 8 W
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-010171 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAAP-010171 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAP-010171 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-010171 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-010171 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-010171 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-010171 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-010171 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Amplifier, Power, 8 W
2.5 - 3.5 GHz
Rev. V3
MAAP-010171
4
4
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
4
Small Signal Gain
S-Parameters
Typical Performance Curves
Output Power, Pin = 19 dBm @ +25°C
Output Power, Pin = 19 dBm @ -40°C
Output Power, Pin = 19 dBm @ +85°C
35
36
37
38
39
40
41
2.0
2.5
3.0
3.5
4.0
Vdd = 8 V
Vdd = 9 V
Vdd = 10 V
Frequency (GHz)
35
36
37
38
39
40
41
2.0
2.5
3.0
3.5
4.0
Vdd = 8 V
Vdd = 9 V
Vdd = 10 V
Frequency (GHz)
35
36
37
38
39
40
41
2.0
2.5
3.0
3.5
4.0
Vdd = 8 V
Vdd = 9 V
Vdd = 10 V
Frequency (GHz)
-30
-20
-10
0
10
20
30
01
2345
6
S21
S11
S22
Frequency (GHz)
22
23
24
25
26
27
28
29
30
2.0
2.5
3.0
3.5
4.0
+25°C
-40°C
+85°C
Frequency (GHz)


Similar Part No. - MAAP-010171

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-010171-000SMB MA-COM-MAAP-010171-000SMB Datasheet
1Mb / 8P
   Amplifier, Power, 8 W
MAAP-010171-TR0500 MA-COM-MAAP-010171-TR0500 Datasheet
1Mb / 8P
   Amplifier, Power, 8 W
MAAP-010171-TR1000 MA-COM-MAAP-010171-TR1000 Datasheet
1Mb / 8P
   Amplifier, Power, 8 W
MAAP-010171 MA-COM-MAAP-010171_15 Datasheet
1Mb / 8P
   Amplifier, Power, 8 W
More results

Similar Description - MAAP-010171

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027 Datasheet
1Mb / 8P
   Amplifier, Power, 8 W
MAAP-015024-V3 MA-COM-MAAP-015024-V3 Datasheet
1,012Kb / 7P
   Power Amplifier, 8 W
MAAP-010171 MA-COM-MAAP-010171_15 Datasheet
1Mb / 8P
   Amplifier, Power, 8 W
logo
Hitachi Semiconductor
HA1394 HITACHI-HA1394 Datasheet
448Kb / 6P
   DUAL 6 TO 8 W AUDIO POWER AMPLIFIER
logo
TriQuint Semiconductor
QPA1003P TRIQUINT-QPA1003P Datasheet
644Kb / 20P
   1 ??8 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
   6??8 GHz 20 W GaN Power Amplifier
TGA2238-CP QORVO-TGA2238-CP Datasheet
572Kb / 14P
   8 ??11 GHz 50 W GaN Power Amplifier
QPA1013D QORVO-QPA1013D Datasheet
367Kb / 15P
   6??8 GHz 10 W GaN Power Amplifier
TGA2238 QORVO-TGA2238 Datasheet
756Kb / 12P
   8 ??11 GHz 60 W GaN Power Amplifier
logo
TriQuint Semiconductor
QPA1003D TRIQUINT-QPA1003D Datasheet
566Kb / 21P
   1 ??8 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com