Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P10LU-0505ELF Datasheet(PDF) 3 Page - PEAK electronics GmbH

Part # P10LU-0505ELF
Description  PM3-SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEAK [PEAK electronics GmbH]
Direct Link  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P10LU-0505ELF Datasheet(HTML) 3 Page - PEAK electronics GmbH

  P10LU-0505ELF Datasheet HTML 1Page - PEAK electronics GmbH P10LU-0505ELF Datasheet HTML 2Page - PEAK electronics GmbH P10LU-0505ELF Datasheet HTML 3Page - PEAK electronics GmbH P10LU-0505ELF Datasheet HTML 4Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PM3-Series – P10LU-xxxxE/Z(Hxx)LF – Single and Dual Output – SIP7 - Plastic Case
Specification can change without a notice – We accept no liability for any inaccuracy or printing errors.
Page 3/4
Selection Guide
Dual Output
Order #
Inpu
t Vo
ltag
e (V
DC)
Inpu
t Cu
rren
t No
Loa
d (m
A)
Inpu
t Cu
rren
t Fu
ll Lo
ad (
mA
)
Out
put
Vol
tage
(VD
C)
Out
put
Cur
rent
Full
Loa
d (m
A)
Effic
ienc
y (%
)
Cap
acit
or L
oad
(uF
DUAL OUTPUT
P10LU-053R3ZLF
5
30
406
± 3.3
± 200
65
± 220
P10LU-0505ZLF
5
30
555
± 5
± 200
72
± 220
P10LU-057R2ZLF
5
30
555
± 7.2
± 138.8
72
± 220
P10LU-0509ZLF
5
30
519
± 9
± 111.1
77
± 220
P10LU-0512ZLF
5
30
512
± 12
± 83.3
78
± 220
P10LU-0515ZLF
5
30
500
± 15
± 66.67
80
± 220
P10LU-0518ZLF
5
30
500
± 18
± 55.55
80
± 220
P10LU-0524ZLF
5
30
500
± 24
± 41.67
80
± 220
P10LU-123R3ZLF
12
20
164
± 3.3
± 200
67
± 220
P10LU-1205ZLF
12
20
222
± 5
± 200
75
± 220
P10LU-127R2ZLF
12
20
219
± 7.2
± 138.8
76
± 220
P10LU-1209ZLF
12
20
216
± 9
± 111.1
77
± 220
P10LU-1212ZLF
12
20
203
± 12
± 83.3
82
± 220
P10LU-1215ZLF
12
20
203
± 15
± 66.67
82
± 220
P10LU-1218ZLF
12
20
203
± 18
± 55.55
82
± 220
P10LU-1224ZLF
12
20
203
± 24
± 41.67
82
± 220
P10LU-243R3ZLF
24
10
80
± 3.3
± 200
68
± 220
P10LU-2405ZLF
24
10
111
± 5
± 200
75
± 220
P10LU-247R2ZLF
24
10
111
± 7.2
± 138.8
75
± 220
P10LU-2409ZLF
24
10
104
± 9
± 111.1
80
± 220
P10LU-2412ZLF
24
10
101
± 12
± 83.3
82
± 220
P10LU-2415ZLF
24
10
101
± 15
± 66.67
82
± 220
P10LU-2418ZLF
24
10
101
± 18
± 55.55
82
± 220
P10LU-2424ZLF
24
10
101
± 24
± 41.67
82
± 220
P10LU-483R3ZLF
48
6
45
± 3.3
± 200
60
± 220
P10LU-4805ZLF
48
6
57
± 5
± 200
73
± 220
P10LU-487R2ZLF
48
6
54
± 7.2
± 138.8
77
± 220
P10LU-4809ZLF
48
6
54
± 9
± 111.1
77
± 220
P10LU-4812ZLF
48
6
52
± 12
± 83.3
80
± 220
P10LU-4815ZLF
48
6
52
± 15
± 66.67
80
± 220
P10LU-4818ZLF
48
6
52
± 18
± 55.55
80
± 220
P10LU-4824ZLF
48
6
52
± 24
± 41.67
80
± 220
If you need other specifications, please enquire.
*OPTIONS:
H40 = 4000 VDC ISOLATION
H52 = 5200 VDC ISOLATION
H60 = 6000 VDC ISOLATION
For other I/O Isolation please see
table on the left hand side and add
“Hxx” before LF
(P10LU-2412ZH60LF for 6KV)


Similar Part No. - P10LU-0505ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10LU-0505E PEAK-P10LU-0505E Datasheet
225Kb / 2P
   3KV ISOLATED 2W UNREGULATED SINGLE OUTPUT SIP7
More results

Similar Description - P10LU-0505ELF

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10MU PEAK-P10MU_14 Datasheet
154Kb / 4P
   PM3-SERIES
P10CUI PEAK-P10CUI_14 Datasheet
140Kb / 3P
   PM3-SERIES
P10DU PEAK-P10DU_14 Datasheet
140Kb / 4P
   PM3-SERIES
P10CU PEAK-P10CU_14 Datasheet
150Kb / 4P
   PM3-SERIES
P10DUI PEAK-P10DUI_14 Datasheet
130Kb / 3P
   PM3-SERIES
logo
Microchip Technology
AC164301 MICROCHIP-AC164301 Datasheet
3Mb / 2P
   MPLAB PM3 Universal Device Programmer
9/1/03
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com