Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTG24PGP1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UTG24PGP1
Description  The plastic circular connector with metal locking
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTG24PGP1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UTG24PGP1 Datasheet HTML 1Page - List of Unclassifed Manufacturers UTG24PGP1 Datasheet HTML 2Page - List of Unclassifed Manufacturers UTG24PGP1 Datasheet HTML 3Page - List of Unclassifed Manufacturers UTG24PGP1 Datasheet HTML 4Page - List of Unclassifed Manufacturers UTG24PGP1 Datasheet HTML 5Page - List of Unclassifed Manufacturers UTG24PGP1 Datasheet HTML 6Page - List of Unclassifed Manufacturers UTG24PGP1 Datasheet HTML 7Page - List of Unclassifed Manufacturers UTG24PGP1 Datasheet HTML 8Page - List of Unclassifed Manufacturers UTG24PGP1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
UTG Series
Shell size
Contact # 16 (Ø 1,6)
Mixed power / signal versions
10
10-4
4 x #16 (Ø 1,6)
10-3
3 x #16 (Ø 1,6)
Group C 250V
10-3W3
3 x #16 (Ø 1,6)
3 x #20 (Ø 1,0)
12
12-8
8 x #16 (Ø 1,6)
122G1
3 x #12 (Ø 2,4)
14
14-12
12 x #16 (Ø 1,6)
14-8
4 x #12 (Ø 2,4)
4 x #16 (Ø 1,6)
16
16-19
19 x #16 (Ø 1,6)
18
18-23
23 x #16 (Ø 1,6)
18-7
Group C 380V
7 x #16 (Ø 1,6)
18-7 34
2 x #12 (Ø 2,4)
5 x #16 (Ø 1,6)
Layout


Similar Part No. - UTG24PGP1

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
UTG EATON-UTG Datasheet
164Kb / 4P
   UTG - Metalok Bantam
UTG0103PVDE EATON-UTG0103PVDE Datasheet
164Kb / 4P
   UTG - Metalok Bantam
logo
FCI connector
UTG0103SVDE FCI-CONNECTOR-UTG0103SVDE Datasheet
2Mb / 101P
   wide range in current capability
logo
Eaton All Rights Reserv...
UTG0103SVDE EATON-UTG0103SVDE Datasheet
164Kb / 4P
   UTG - Metalok Bantam
UTG0104P EATON-UTG0104P Datasheet
164Kb / 4P
   UTG - Metalok Bantam
More results

Similar Description - UTG24PGP1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
0441021414S100 AMPHENOL-0441021414S100 Datasheet
1Mb / 4P
   Circular Connector Threaded Coupling ??Plastic
logo
List of Unclassifed Man...
UTG012-8SH ETC2-UTG012-8SH Datasheet
852Kb / 4P
   Plastic connector with metal coupling system
UTG016-19P ETC2-UTG016-19P Datasheet
181Kb / 4P
   Plastic connector with metal coupling system
UTG020-28S ETC2-UTG020-28S Datasheet
852Kb / 4P
   Plastic connector with metal coupling system
logo
Hirose Electric
RPC1-12P-6S HIROSE-RPC1-12P-6S Datasheet
85Kb / 2P
   RP SERIES CIRCULAR PLASTIC CONNECTORS
RM515EPA-10PC HIROSE-RM515EPA-10PC Datasheet
301Kb / 7P
   Push-Pull Circular Plastic Connectors
logo
DDK Ltd.
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
logo
Hamamatsu Corporation
S9648-100 HAMAMATSU-S9648-100 Datasheet
274Kb / 3P
   Plastic package shaped the same as metal package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com