Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL388131SO Datasheet(PDF) 6 Page - Ericsson

Part # PBL388131SO
Description  Voice-switched Speakerphone Circuit with built in loudspeaker amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL388131SO Datasheet(HTML) 6 Page - Ericsson

Back Button PBL388131SO Datasheet HTML 2Page - Ericsson PBL388131SO Datasheet HTML 3Page - Ericsson PBL388131SO Datasheet HTML 4Page - Ericsson PBL388131SO Datasheet HTML 5Page - Ericsson PBL388131SO Datasheet HTML 6Page - Ericsson PBL388131SO Datasheet HTML 7Page - Ericsson PBL388131SO Datasheet HTML 8Page - Ericsson PBL388131SO Datasheet HTML 9Page - Ericsson PBL388131SO Datasheet HTML 10Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
PBL 388 13
Figure 8. Receive and transmit channel input arrangement.
Figure 7. Passive networks setting the speech control function.
R5
C3
C1
C2
C4
+
F2
F3
F1
PBL 388 13
22
21
24
4
15
19
3
1
2
7
6
8
9
23
16
17
18
20
+
-
+
CTR
CMP
GND
-C
V+
N Det
Rxout
xin
+
R xin
TxDet
RxDet
LSPin
RE
R
DC
-Txin
+
Txin
Txout
-R
11
13
14
F6
F5
Control
F4
+
LSP
+L
Ref.
VOL
12
10
5
+
+
+
F1
F4
1
2
13
14
F5
+
+
F2
VRxin
VTxin
100k
3k
100k
120k
120k
20k
Tx
Ref.
I
~
16
3k
20k
PBL388 13
~
Rx
Functional Description
Speech control section
Transmitter and Receiver
Channels
The transmitter and receiver channels
consist of three amplifying stages each, F1,
F2, F3 and F4, F5, F6. The inputs of the
amplifiers must be ac. coupled because
they are dc. vise at the internal reference
voltage (
≈ 2V) level. F1 and F4 are fixed
gain amplifiers of 29.5 dB and 15.5 dB
respectively, while the rest of them are of
controlled gain type amplifiers.The gain of
F2, F3 as well as F5 and F6 is controlled by
the comparator. Ac. loading the channel
outputs F3 and F6
will lessen the dc.
current consumption, maximum load 10
k
Ω. The output capacity can be increased
somewhat in case needed, by coupling a
10 k
Ω resistor from the respective output
pin directly to ground (before the optional
capacitor).The comparator receives its in-
formation from the summing point of the
transmitter, receiver and background noise
detectors at CMP input. The control input
CTR, controls the gain dynamics (25 or 50
dB). Amplifiers F2 and F3 have the maxi-
mum gain when the transmitter channel is
fully open, consequently the amplifiers F5
and F6 will have minimum gain and vice
versa. See figure 7 and figure 13.
The positive input on each channel
has a high input impedance. It renders a
good gain precision and noise performance
when used with low impedance signal
source . The negative input of the receiver
channel should be returned to ground with
a capacitor. The differential input of the
transmitter channel can be used to sup-
press unwanted signals in the microphone
supply, see figure 9. Also see application.
Signal Detectors and the
Comparator
The signal detectors sense and rectify
the receiver and microphone signals to
opposite polarities referenced to the internal
reference voltage of approx. 2V. The voltage
at RxDet will go positive and at TxDet
negative in the presence of a signal at the
respective channel input. In the idle (no
signal) state, the voltages at RxDet ,TxDet
and CMP are equal to the internal reference
voltage. Signal at Txin will result in a
decreasing level at TxDetout and hence
also at CMP input.


Similar Part No. - PBL388131SO

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38812 ERICSSON-PBL38812 Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SO ERICSSON-PBL388121SO Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL388121SOT ERICSSON-PBL388121SOT Datasheet
133Kb / 10P
   Voice-switch circuit for Handsfree speakerphone TAM
PBL38814 ERICSSON-PBL38814 Datasheet
239Kb / 14P
   Voice - switched 2-channel Circuit with loudspeaker amplifier
PBL388141N ERICSSON-PBL388141N Datasheet
239Kb / 14P
   Voice - switched 2-channel Circuit with loudspeaker amplifier
More results

Similar Description - PBL388131SO

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
   Voice Switched Speakerphone Circuit
logo
New Japan Radio
NJW1128 NJRC-NJW1128 Datasheet
257Kb / 13P
   Voice Switched Speakerphone Circuit with Speaker Amplifier
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
   Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
   Voice switched Speakerphone circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
   VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
   Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
   Voice Switched Speakerphone Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com