Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQI50N06TU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQI50N06TU
Description  N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQI50N06TU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQI50N06TU Datasheet HTML 1Page - Fairchild Semiconductor FQI50N06TU Datasheet HTML 2Page - Fairchild Semiconductor FQI50N06TU Datasheet HTML 3Page - Fairchild Semiconductor FQI50N06TU Datasheet HTML 4Page - Fairchild Semiconductor FQI50N06TU Datasheet HTML 5Page - Fairchild Semiconductor FQI50N06TU Datasheet HTML 6Page - Fairchild Semiconductor FQI50N06TU Datasheet HTML 7Page - Fairchild Semiconductor FQI50N06TU Datasheet HTML 8Page - Fairchild Semiconductor FQI50N06TU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 2013
www.fairchildsemi.com
1
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Symbol
Parameter
FQB50N06
TM / FQI50N06TU
Unit
VDSS
Drain-Source Voltage
60
V
ID
Drain Current
- Continuous (TC = 25°C)
50
A
- Continuous (TC = 100°C)
35.4
A
IDM
Drain Current
- Pulsed
(Note 1)
200
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
490
mJ
IAR
Avalanche Current
(Note 1)
50
A
EAR
Repetitive Avalanche Energy
(Note 1)
12
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
7.0
V/ns
PD
Power Dissipation (TA = 25°C) *
3.75
W
Power Dissipation (TC = 25°C)
120
W
- Derate above 25°C
0.8
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
FQB50N06 / FQI50N06
N-Channel QFET® MOSFET
This N-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor’s proprietary planar
stripe and DMOS technology. This advanced MOSFET
technology has been especially tailored to reduce on-state
resistance, and to provide superior switching performance
and high avalanche energy strength. These devices are
suitable for switched mode power supplies, audio amplifier,
DC motor control, and variable switching power applications.
Features
50 A , 60 V, RDS(on) = 22 mΩ (Max.) @VGS = 10 V,
ID = 25 A
• Low Gate Charge (
Typ. 31 nC)
• Low Crss
(Typ. 65 pF)
• 100% Avalanche Tested
• 175
°C Maximum Junction Temperature Rating
60 V, 50 A, 22 mΩ
Description
GD
S
I2-PAK
G
S
D
D2-PAK
G
S
D
Thermal Characteristics
Symbol
Parameter
Unit
RJC
Thermal Resistance, Junction to Case, Max
.
1.24
oC/W
RJA
Thermal Resistance, Junction to Ambient (minimum pad of 2 oz copper), Max.
62.5
Thermal Resistance, Junction to Ambient (
* 1 in2 pad of 2 oz copper), Max.
40
FQB50N06
TM
FQI50N06
TU
©
2000 Fairchild Semiconductor Corporation
FQB50N06 / FQI50N06 Rev. C1


Similar Part No. - FQI50N06TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQI50N06 FAIRCHILD-FQI50N06 Datasheet
648Kb / 9P
   60V N-Channel MOSFET
FQI50N06 FAIRCHILD-FQI50N06 Datasheet
654Kb / 9P
   60V LOGIC N-Channel MOSFET
FQI50N06L FAIRCHILD-FQI50N06L Datasheet
654Kb / 9P
   60V LOGIC N-Channel MOSFET
More results

Similar Description - FQI50N06TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQB50N06LTM FAIRCHILD-FQB50N06LTM Datasheet
836Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 52.4 A, 21 m廓
FQD13N06LTM FAIRCHILD-FQD13N06LTM Datasheet
916Kb / 10P
   N-Channel QFET짰 MOSFET 60 V, 11 A, 115 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQT13N06TF FAIRCHILD-FQT13N06TF Datasheet
774Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
FQD30N06TM FAIRCHILD-FQD30N06TM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 22.7 A, 45 m廓
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
FQD11P06TM FAIRCHILD-FQD11P06TM Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com