Electronic Components Datasheet Search |
|
PBL386402SOT Datasheet(PDF) 8 Page - Ericsson |
|
PBL386402SOT Datasheet(HTML) 8 Page - Ericsson |
8 / 16 page PBL 386 40/2 8 Pin Description Figure 8. Pin configuration, 24-pin SOIC, 24-pin SSOP and 28 pin PLCC package, top view. Refer to figure 8. PLCC Symbol Description 1 PTG Prog. Transmit Gain. Left open transmit gain = 0.0 dB, connected to AGND transmit gain = -6.02 dB. 2 RRLY Ring Relay driver output. The relay coil may be connected to maximum +14V. 3 HP Connection for High Pass filter capacitor, C HP. Other end of CHP connects to TIPX. 4NC No internal Connection 5 RINGX The TIPX and RINGX pins connect to the tip and ring leads of the two-wire interface via overvoltage protection components and ring relay (and optional test relay). 6 BGND Battery Ground, should be tied together with AGND. 7 TIPX The TIPX and RINGX pins connect to the tip and ring leads of the two-wire interface via overvoltage protection components and ring relay (and optional test relay). 8 VBAT Battery supply Voltage. Negative with respect to AGND. 9 VBAT2 An optional second (2) Battery Voltage connects to this pin. 10 PSG Programmable Saturation Guard. The resistive part of the DC Feed characteristic is programmed by a resistor connected from this pin to VBAT. 11 NC No internal Connection 12 LP Connection for Low Pass filter capacitor, C LP. Other end of CLP connects to VBAT. 13 DT Input to the ring trip comparator. With DR more positive than DT the detector output, DET, is at logic level low, indicating off-hook condition. The external ring trip network connects to this input. 14 DR Input to the ring trip comparator. With DR more positive than DT the detector output, DET, is at logic level low, indicating off-hook condition. The external ring trip network connects to this input. 1 2 3 4 5 6 7 8 9 10 11 24 23 22 21 20 19 18 17 16 15 14 RRLY PTG HP RINGX BGND TIPX VBAT LP POV VTX AGND C2 RSN REF PLD VCC C1 DT PSG PLC VBAT2 DET 12 13 DR C3 24-pin SOIC and 24-pin SSOP 5 6 7 8 9 10 11 25 24 23 22 21 20 19 BGND TIPX VBAT VBAT2 PSG NC NC PLD POV PLC REF NC VCC RINGX 28-pin PLCC |
Similar Part No. - PBL386402SOT |
|
Similar Description - PBL386402SOT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |