Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWHA3C113 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECWHA3C113
Description  Metallized Polypropylene Film Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWHA3C113 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECWHA3C113 Datasheet HTML 1Page - Panasonic Semiconductor ECWHA3C113 Datasheet HTML 2Page - Panasonic Semiconductor ECWHA3C113 Datasheet HTML 3Page - Panasonic Semiconductor ECWHA3C113 Datasheet HTML 4Page - Panasonic Semiconductor ECWHA3C113 Datasheet HTML 5Page - Panasonic Semiconductor ECWHA3C113 Datasheet HTML 6Page - Panasonic Semiconductor ECWHA3C113 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC69−
Plastic Film Capacitors
■Rating & Dimensions & Quantity / Ammo Box
●Rated voltage : 1600 VDC, Capacitance tolerance : ±3 %(H), ±5 %(J)
──
Part No.
Cap.
(µF)
L max
T max
Straight
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
Crimped lead
(Suffix B)
Crimped lead
(Suffix Q)
H max.
F
S
ød
Taping
7.5mm
Bulk
Straight
Bulk
Crim
ped
lead
ECWHA3C102□( )
ECWHA3C112□( )
ECWHA3C122□( )
ECWHA3C132□( )
ECWHA3C152□( )
ECWHA3C162□( )
ECWHA3C182□( )
ECWHA3C202□( )
ECWHA3C222□( )
ECWHA3C242□( )
ECWHA3C272□( )
ECWHA3C302□( )
ECWHA3C332□( )
ECWHA3C362□( )
ECWHA3C392□( )
ECWHA3C432□( )
ECWHA3C472□( )
ECWHA3C512□( )
ECWHA3C562□( )
ECWHA3C622□( )
ECWHA3C682□( )
ECWHA3C752□( )
ECWHA3C822□( )
ECWHA3C912□( )
ECWHA3C103□( )
ECWHA3C113□( )
ECWHA3C123□( )
ECWHA3C133□( )
ECWHA3C153□( )
ECWHA3C163□( )
ECWHA3C183□( )
ECWHA3C203□( )
ECWHA3C223□( )
ECWHA3C243□( )
ECWHA3C273□( )
ECWHA3C303□( )
ECWHA3C333□( )
ECWHA3C363□( )
ECWHA3C393□( )
ECWHA3C433□( )
ECWHA3C473□( )
0.0010
0.0011
0.0012
0.0013
0.0015
0.0016
0.0018
0.0020
0.0022
0.0024
0.0027
0.0030
0.0033
0.0036
0.0039
0.0043
0.0047
0.0051
0.0056
0.0062
0.0068
0.0075
0.0082
0.0091
0.010
0.011
0.012
0.013
0.015
0.016
0.018
0.020
0.022
0.024
0.027
0.030
0.033
0.036
0.039
0.043
0.047
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
17.8
20.3
20.3
20.3
20.3
20.3
20.3
20.6
20.6
20.6
20.6
20.6
20.6
20.6
20.6
20.6
20.6
20.6
5.2
5.4
5.5
5.7
5.9
6.1
6.4
6.6
6.7
7.0
5.2
5.5
5.6
5.7
6.0
6.2
6.4
6.6
6.8
7.1
6.1
6.5
6.8
7.1
6.4
6.6
6.8
7.1
7.6
7.9
8.2
8.7
9.1
9.6
10.0
10.7
11.2
11.7
12.1
12.8
13.4
9.1
9.4
9.6
9.8
12.1
12.4
12.7
13.0
12.3
12.5
12.8
13.0
13.5
13.8
14.1
14.6
15.0
15.4
15.9
16.5
17.0
17.5
18.0
18.6
19.2
13.0
13.1
13.2
13.4
13.7
13.9
14.1
14.3
14.5
14.7
13.0
13.2
13.4
13.5
13.8
13.9
14.1
14.4
14.6
14.8
17.1
17.4
17.7
18.0
17.3
17.5
17.8
18.0
18.5
18.8
19.1
19.6
20.0
20.4
20.9
21.5
22.0
22.5
23.0
23.6
24.2
13.0
13.1
13.2
13.4
13.7
13.9
14.1
14.3
14.5
14.7
13.0
13.2
13.4
13.5
13.8
13.9
14.1
14.4
14.6
14.8
17.1
17.4
17.7
18.0
17.3
17.5
17.8
18.0
18.5
18.8
21.1
21.6
22.0
22.4
22.9
23.5
24.0
24.5
25.0
25.6
26.2
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
17.5
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
0.8
600
500
400
600
500
400
1000
1000
500
500
400
400
300
800
600
800
200
Dimensions (mm)
Min. order Q'ty
Suffix for lead crimped taped type
Capacitance tolerance code
↑↑
p Œ ¯ ¶
P50_81
13.04.03 5:00
y [ W
69


Similar Part No. - ECWHA3C113

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWHA3C113 PANASONIC-ECWHA3C113 Datasheet
332Kb / 7P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - ECWHA3C113

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com