Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1049 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FIN1049
Description  LVDS Dual-Line Driver with Dual-Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1049 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FIN1049 Datasheet HTML 1Page - Fairchild Semiconductor FIN1049 Datasheet HTML 2Page - Fairchild Semiconductor FIN1049 Datasheet HTML 3Page - Fairchild Semiconductor FIN1049 Datasheet HTML 4Page - Fairchild Semiconductor FIN1049 Datasheet HTML 5Page - Fairchild Semiconductor FIN1049 Datasheet HTML 6Page - Fairchild Semiconductor FIN1049 Datasheet HTML 7Page - Fairchild Semiconductor FIN1049 Datasheet HTML 8Page - Fairchild Semiconductor FIN1049 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1049 • Rev. 1.0.3
2
Pin Configuration
Functional Diagram
Figure 1. Pin Configuration
Figure 2. Functional Diagram
Pin Definitions
Pin #
Name
Description
2, 3
RIN1+, RIN2+
Non-Inverting LVDS Inputs
1, 4
RIN1-, RIN2-
Inverting LVDS Inputs
7, 6
DOUT1+, DOUT2+
Non-Inverting Driver Outputs
8, 5
DOUT1-, DOUT2-
Inverting Driver Outputs
16, 9
EN, ENb
Driver Enable Pins for All Outputs
15, 14
ROUT1, ROUT2
LVTTL Output Pins for ROUT1 and ROUT2
10, 11
DIN1, DIN2
LVTTL Input Pins for DIN1 and DIN2
12
VCC
Power Supply (3.3 V)
13
GND
Ground
Function Table
Inputs
Outputs (LVTTL)
Inputs (LVDS)
(1)
Outputs (LVDS)
EN
ENb
ROUT1
ROUT2
RINn+
RINn-
DOUTn+
DOUTn-
H
L
ON
ON
ON
ON
H
H
Z
Z
Z
Z
L
H
Z
Z
Z
Z
L
L
Z
Z
Z
Z
H
L
H
H
Open Current
Fail-Safe Condition
Legend:
H=HIGH Logic Level
L=LOW Logic Level or OPEN
X=Don't Care
Z=High Impedance
Note:
1.
Any unused receiver Inputs should be left open.


Similar Part No. - FIN1049

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1049MTC FAIRCHILD-FIN1049MTC Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049MTCX ONSEMI-FIN1049MTCX Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
More results

Similar Description - FIN1049

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1049 FAIRCHILD-FIN1049 Datasheet
319Kb / 10P
   LVDS Dual Line Driver with Dual Line Receiver
logo
ON Semiconductor
FIN1049 ONSEMI-FIN1049 Datasheet
822Kb / 14P
   LVDS Dual-Line Driver with Dual-Line Receiver
April 2013 Rev. 1.0.3
logo
National Semiconductor ...
DS90LV049 NSC-DS90LV049 Datasheet
230Kb / 10P
   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Texas Instruments
DS90LV049 TI1-DS90LV049_15 Datasheet
964Kb / 19P
[Old version datasheet]   3V LVDS Dual Line Driver with Dual Line Receiver
logo
Maxim Integrated Produc...
MAX9159 MAXIM-MAX9159 Datasheet
147Kb / 7P
   Dual LVDS Line Receiver
19-2274; Rev 0; 1/02
logo
Texas Instruments
DS90LV049Q TI1-DS90LV049Q_15 Datasheet
949Kb / 17P
[Old version datasheet]   Automotive LVDS Dual Line Driver and Receiver Pair
DS90LV028AQ TI1-DS90LV028AQ_14 Datasheet
972Kb / 16P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
DS90LV028AQ-Q1 TI1-DS90LV028AQ-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   Automotive LVDS Dual Differential Line Receiver
logo
National Semiconductor ...
DS90LV028AQ NSC-DS90LV028AQ Datasheet
287Kb / 10P
   Automotive LVDS Dual Differential Line Receiver
logo
Texas Instruments
DS90LVRA2 TI-DS90LVRA2 Datasheet
1,013Kb / 21P
[Old version datasheet]   DS90LVRA2 LVDS Dual Differential Line Receiver
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com