Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWH8473HA Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # ECWH8473HA
Description  Metallized Polypropylene Film Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH8473HA Datasheet(HTML) 7 Page - Panasonic Semiconductor

  ECWH8473HA Datasheet HTML 1Page - Panasonic Semiconductor ECWH8473HA Datasheet HTML 2Page - Panasonic Semiconductor ECWH8473HA Datasheet HTML 3Page - Panasonic Semiconductor ECWH8473HA Datasheet HTML 4Page - Panasonic Semiconductor ECWH8473HA Datasheet HTML 5Page - Panasonic Semiconductor ECWH8473HA Datasheet HTML 6Page - Panasonic Semiconductor ECWH8473HA Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
(Metallized Polypropylene Film)
Permissible Current
Permissible Voltage
Applicable Specifications
Frequency(kHz)
ECWHA Type
DC1600V series
*Please consult Panasonic if your condition exceeds the above
*The current(0-P) value is calculated using nominal capacitance.
*P When you use this product, peak voltage must not exceed DC rated voltage.
50
60
70
80
90
100
110
-40 -20
0
20
40
60
80 100 120
Voltage Derating by Temperature
Pulse Handling Capability (dv/dt)
(Max 10000cycles)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
100
1000
0.033uF
0.022uF
0.015uF
0.01uF
0.0068uF
0.047uF
0.0047uF
0.0033uF
0.0022uF
0.0015uF
0.001uF
Permissible Current Derating by Temperature
Temperature of capacitor surface (℃)
Temperature of capacitor surface (℃)
Rated
Voltage
Capacitance
(μF)
Code
dV/dt
(V/μs)
Current
(A0-P)
0.0010
102
2.0
0.0015
152
3.0
0.0022
222
4.4
0.0033
332
6.6
0.0047
472
9.4
0.0068
682
13.6
0.0100
103
20.0
0.0150
153
30.0
0.0220
223
44.0
0.0330
333
66.0
0.0470
473
94.0
DC
1600V
2000
0
20
40
60
80
100
-40 -20
0
20
40
60
80 100 120
0.01uF to 0.047uF
0.01uF to 0.047uF


Similar Part No. - ECWH8473HA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH8473HA PANASONIC-ECWH8473HA Datasheet
204Kb / 2P
   Plastic Film Capacitors
ECWH8473HA PANASONIC-ECWH8473HA Datasheet
332Kb / 7P
   Metallized Polypropylene Film Capacitors
ECWH8473HA PANASONIC-ECWH8473HA Datasheet
80Kb / 3P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWH8473HA

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com