Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL386112SHS Datasheet(PDF) 10 Page - Ericsson

Part # PBL386112SHS
Description  Subscriber Line Interface Circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL386112SHS Datasheet(HTML) 10 Page - Ericsson

Back Button PBL386112SHS Datasheet HTML 6Page - Ericsson PBL386112SHS Datasheet HTML 7Page - Ericsson PBL386112SHS Datasheet HTML 8Page - Ericsson PBL386112SHS Datasheet HTML 9Page - Ericsson PBL386112SHS Datasheet HTML 10Page - Ericsson PBL386112SHS Datasheet HTML 11Page - Ericsson PBL386112SHS Datasheet HTML 12Page - Ericsson PBL386112SHS Datasheet HTML 13Page - Ericsson PBL386112SHS Datasheet HTML 14Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
PBL 386 11/2
10
Figure 9. Simplified ac transmission circuit.
Functional Description and Applications
Information Transmission
PBL 386 11/2
+
-
+
-
VTX
RSN
I L
TIPX
RINGX
+
-
EL
+
-
TIP
RING
RF
RF
ZTR
ZT
VTX
VRX
ZRX
IL
IL
RHP
+
-
ZL
VTR
G
RSN
2-4S
General
A simplified ac model of the transmission
circuits is shown in figure 9. Circuit analysis
yields:
V
TR =
V
TX
- I
L 2RF
(1)
G
2-4S
V
TX +
V
RX =
I
L
(2)
Z
T
Z
RX
α
RSN
V
TR = IL ZL - EL
(3)
where:
V
TX
is a ground referenced version
of the ac metallic voltage
between the TIPX and RINGX
terminals.
V
TR
is the ac metallic voltage
between tip and ring.
E
L
is the line open circuit ac metallic
voltage.
I
L
is the ac metallic current.
R
F
is a fuse resistor.
G
2-4S is the SLIC two-wire to four-
wire gain (transmit direction) with
a nominal value of -0.5.
Z
L
is the line impedance.
Z
T
determines the SLIC TIPX to
RINGX impedance for signal in
the 0 - 20kHz frequency range.
Z
RX
controls four- to two-wire gain.
V
RX
is the analogue ground referenced
receive signal.
α
RSN is the receive summing node
current to metallic loop current
gain. The nominal value of
α
RSN = 400
Two-Wire Impedance
To calculate Z
TR, the impedance presented
to the two-wire line by the SLIC including
the fuse resistor R
F, let VRX = 0.
From (1) and (2):
Z
TR =
Z
T
- 2R
F
α
RSN G2-4S
Thus with Z
TR, G2-4S, αRSN, and RF known:
Z
T = αRSN G2-4S (2RF - |ZTR|)
Two-Wire to Four-Wire Gain
From (1) and (2) with V
RX = 0:
G
2-4 =
V
TX =
Z
TRSN
V
TR
Z
T
- 2R
F
α
RSN G2-4S
Four-Wire to Two-Wire Gain
From (1), (2) and (3) with E
L = 0:
G
4-2 =
V
TX =
Z
T
Z
L
V
TR
Z
RX
Z
T
- G
2-4S
( Z
L + 2RF)
α
RSN
In applications where
2R
F - ZT/(αRSN G2-4S) is chosen to be
equal to Z
L, the expression for G4-2 simpli-
fies to:
G
4-2 = -
Z
T
1
Z
RX
2 G
2-4S
Four-Wire to Four-Wire Gain
From (1), (2) and (3) with E
L = 0:
G
4-4 =
V
TX =
Z
T
G
2-4S ( ZL + 2RF)
V
RX
Z
RX
Z
T
- G
2-4S ( ZL + 2RF)
α
RSN


Similar Part No. - PBL386112SHS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386102QNS ERICSSON-PBL386102QNS Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL386102QNT ERICSSON-PBL386102QNT Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
PBL38614-1 ERICSSON-PBL38614-1 Datasheet
219Kb / 18P
   Subscriber Line Interface Circuit
PBL386141 ERICSSON-PBL386141 Datasheet
219Kb / 18P
   Subscriber Line Interface Circuit
More results

Similar Description - PBL386112SHS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
PBL38640-2 ERICSSON-PBL38640-2 Datasheet
138Kb / 16P
   Subscriber Line Interface Circuit
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
STLC3080 STMICROELECTRONICS-STLC3080 Datasheet
201Kb / 23P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Ericsson
PBL38610-2 ERICSSON-PBL38610-2 Datasheet
115Kb / 18P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com