Electronic Components Datasheet Search |
|
TACR475020TA Datasheet(PDF) 1 Page - AVX Corporation |
|
TACR475020TA Datasheet(HTML) 1 Page - AVX Corporation |
1 / 6 page 26 ■ APRIL 2014 TACmicrochip ® Standard Microchip FEATURES • The world’s smallest surface mount tantalum capacitor • CV range: 0.10-150μF / 2-25V • 5 case sizes available • Low profile options available • Industrial and hi-rel medical applications APPLICATIONS • Hearing Aids, Non-life support medical, Long life miniature designs L SLt W H POLARITY BAND NOT TO EXCEED CENTER LINE TAC Type TACmicrochip® L Case Size See table above 226 Capacitance Code pF code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) * Tolerance K=±10% M=±20% TA Alternative characters may be used for special requirements HOW TO ORDER R Packaging R, P = 7" Standard Tin Termination Plastic Tape X, Q = 41⁄4" Standard Tin Termination Plastic Tape A = 7" Gold Termination Plastic Tape F = 41⁄4" Gold Termination Plastic Tape Technical Data: All technical data relate to an ambient temperature of +25°C Capacitance Range: 0.10 μF to 150 μF Capacitance Tolerance: ±10%; ±20% Leakage Current DCL: 0.01CV or 0.5μA whichever is the greater Rated Voltage (VR) +85°C: 2 3 4 6.3 10 16 20 25 Category Voltage (VC) +125°C: 1.3 2 2.7 4 7 10 13 17 Surge Voltage (VS) +85°C: 2.7 3.9 5.2 8 13 20 26 32 Surge Voltage (VS) +125°C: 1.7 2.6 3.2 5 8 12 16 20 Temperature Range: -55°C to +125°C Reliability: 1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance, 60% confidence level Termination Finish: Nickel and Tin Plating (standard), Nickel and Gold Plating option available upon request TECHNICAL SPECIFICATIONS 004 Rated DC Voltage 002=2Vdc 003=3Vdc 004=4Vdc 006=6.3Vdc 010=10Vdc 016=16Vdc 020=20Vdc 025=25Vdc % % % CASE DIMENSIONS: millimeters (inches) L+0.20 (0.008) W+0.15 (0.006) H+0.15 (0.006) Minimum Code EIA EIA -0.00 (0.000) -0.00 (0.000) -0.00 (0.000) Termination Termination Code Metric Spacing(S) Length (Lt) A 1206 3216-18 3.20 ± 0.20 1.60 ± 0.20 1.60 ± 0.20 1.80 (0.071) min 0.15 (0.006) (0.126 ± 0.008) (0.060 ± 0.008) (0.063 ± 0.008) B 1210 3528-15 3.50 ± 0.20 2.80 1.50 (0.059) max 2.00 (0.079) min 0.15 (0.006) (0.138 ± 0.008) (0.110 ) K 0402 1005-07 1.00 (0.039) 0.50 0.50 0.40 (0.016) min 0.10 (0.004) (0.020 ) (0.020 ) L 0603 1608-10 1.60 (0.063) 0.85 (0.033) 0.85 (0.033) 0.55 (0.022) min 0.15 (0.006) R 0805 2012-15 2.00 (0.079) 1.35 (0.053) 1.35 (0.053) 0.70 (0.027) min 0.15 (0.006) +0.20 -0.00 +0.008 -0.000 +0.20 -0.00 +0.008 -0.000 +0.20 -0.10 +0.008 -0.004 LEAD-FREE COMPATIBLE COMPONENT A, B, K, L, R CASE Polarity Band (Anode+) MARKING |
Similar Part No. - TACR475020TA |
|
Similar Description - TACR475020TA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |