Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114TUA Datasheet(PDF) 10 Page - Rohm

Part # DTA114TUA
Description  PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114TUA Datasheet(HTML) 10 Page - Rohm

Back Button DTA114TUA Datasheet HTML 2Page - Rohm DTA114TUA Datasheet HTML 3Page - Rohm DTA114TUA Datasheet HTML 4Page - Rohm DTA114TUA Datasheet HTML 5Page - Rohm DTA114TUA Datasheet HTML 6Page - Rohm DTA114TUA Datasheet HTML 7Page - Rohm DTA114TUA Datasheet HTML 8Page - Rohm DTA114TUA Datasheet HTML 9Page - Rohm DTA114TUA Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
//htmlimg2.alldatasheet.com/htmldatasheet2/602300/ROHM/DTA114TUA/1034/10/DTA114TUA.png


Similar Part No. - DTA114TUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114TUA ROHM-DTA114TUA Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
logo
Taiwan Semiconductor Co...
DTA114TUA TSC-DTA114TUA Datasheet
97Kb / 2P
   PNP Digital Transistor
logo
Jiangsu Changjiang Elec...
DTA114TUA JIANGSU-DTA114TUA Datasheet
78Kb / 2P
   Digital transistors (built-in resistors)
logo
Rohm
DTA114TUA ROHM-DTA114TUA Datasheet
1Mb / 13P
   PNP -100mA -50V Digital Transistor
logo
Guangdong Kexin Industr...
DTA114TUA KEXIN-DTA114TUA Datasheet
127Kb / 2P
   Digital Transistors
More results

Similar Description - DTA114TUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA113ZKAT146 ROHM-DTA113ZKAT146 Datasheet
1Mb / 4P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA124EUAT106 ROHM-DTA124EUAT106 Datasheet
279Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114TUAT106 ROHM-DTA114TUAT106 Datasheet
529Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JCAHZG ROHM-DTA123JCAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114E ROHM-DTA114E_12 Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114EETL ROHM-DTA114EETL Datasheet
275Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA143EETL ROHM-DTA143EETL Datasheet
277Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA114ECAHZG ROHM-DTA114ECAHZG Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123JUAT106 ROHM-DTA123JUAT106 Datasheet
268Kb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA013Z ROHM-DTA013Z Datasheet
1Mb / 8P
   PNP-100mA-50V Digital Transistors (Bias Resistor Built-in Transistors)
DTA123E ROHM-DTA123E Datasheet
345Kb / 9P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com