Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL385731SOS Datasheet(PDF) 9 Page - Ericsson

Part # PBL385731SOS
Description  Speech Circuit for constant current feeding systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL385731SOS Datasheet(HTML) 9 Page - Ericsson

Back Button PBL385731SOS Datasheet HTML 5Page - Ericsson PBL385731SOS Datasheet HTML 6Page - Ericsson PBL385731SOS Datasheet HTML 7Page - Ericsson PBL385731SOS Datasheet HTML 8Page - Ericsson PBL385731SOS Datasheet HTML 9Page - Ericsson PBL385731SOS Datasheet HTML 10Page - Ericsson PBL385731SOS Datasheet HTML 11Page - Ericsson PBL385731SOS Datasheet HTML 12Page - Ericsson PBL385731SOS Datasheet HTML 13Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
PBL 385 73
Battery feed
R15
R16
R6
Regulation:
48V, 2 • 200
450k
75
∞∞
47
48V, 2 • 400
75
48V, 2 • 800
Sweden apply for spec. application
No regulation:
All feedings:
Set for low gain
22k
47 - 75
Set for high gain
75k
47 - 75
Figure 13. Gain regulation principle.
What is balancing the side
tone?
To understand that side tone balancing
is to counteract
the signal, that is
transmitted via the microphone and trans-
mitter to the line, returning to the earphone
via the receiver.
That presence of a strong side tone
signal is disturbing in a way that one quite
instictively lowers ones own voice level
thus lowering the signal level for the other
party. But again, if the balance is too good
(seldom the case) the earphone will feel
”dead”. In practical terms what is expected
is the same amplitude of ones own voice
in the ear as when not talking in a telephone.
The need to lower
the side tone level
where no balancing has been done is in
the order of 6 - 12 dB.
To understand that the side tone is
influenced by other factors like, the
impedance of the line and the signal that
enters the ear acoustically directly from the
mouth and from the mouth through the
material in the handset. The signal that
enters the microphone from the earphone
acoustically will also influence the return
loss factor to the telephone line.
To understand that the side tone network
can be trimmed to form a veritable
”distortion analyser”, so that the distortion
that is present from the microphone, will be
the only signal entering the earphone and
this signal even being small will sound very
bad. It is better to induce some of the
fundamental frequency back by making
the balance less perfect at that frequency.
This is valid for a network that is trimmed to
only one frequency. It is to strive to trim the
network such that it will attenuate the fun-
damental and the harmonic frequencies
alike throughout the different line
combinations.
To understand that if one of the two
signals entering
the balancing system
from either direction,
direct from
microphone or via the line, is clipped, will
result in a very distorted signal entering the
receiver amplifier and thus the earphone.
Further , to remember that side tone is a
small signal that is the difference of two
large signals and that the amplitude of the
distortion can be up to
ten times the
amplitude of the fundamental frequency.
Figure 14. The side tone suppression principle.
A short guidance for under-
standing
the
side
tone
principle. (See fig.14.)
Assuming the line impedance to be 600
Ω.
( theorethical value )
Z1 = Line impedance
Z2 = The telephone set impedance 600
Z1//Z2 = 300
R6 will have a certain value 39 - 100
Ω to
give the telephone a specified DC-
characteristic and overcurrent protection.
Assuming that
this DC-characteristic
requires R6=60
Ω, hence it will be 1/5 of
the Z1//Z2. This will in transmitting mode
result that 1/5 of the ac-signal that is on the
line appear across R6.
dB
I
L
High limit
Low limit
a.
b.
c.
Z1
Z2
PBL 38 573
Tx
Rx
a.)
b.)
c.)
Zbal
Line side
Telephone
set side
1
2
12
13
14
R6
R7
R9
C5
R10
R12
R11
C6
R8
{


Similar Part No. - PBL385731SOS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
PBL385701N ERICSSON-PBL385701N Datasheet
238Kb / 12P
   Universal Speech Circuit
PBL385701SO ERICSSON-PBL385701SO Datasheet
238Kb / 12P
   Universal Speech Circuit
PBL385701SOT ERICSSON-PBL385701SOT Datasheet
238Kb / 12P
   Universal Speech Circuit
PBL38571 ERICSSON-PBL38571 Datasheet
261Kb / 14P
   High current Speech and Line interface Circuit
More results

Similar Description - PBL385731SOS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC155 SANYO-FC155 Datasheet
114Kb / 4P
   Constant-Current Circuit Applications
logo
Delta Electronics, Inc.
DRL-24V240W1AX DELTA-DRL-24V240W1AX Datasheet
860Kb / 15P
   Built-in constant current circuit for reactive loads
logo
Ericsson
PBL38571 ERICSSON-PBL38571 Datasheet
261Kb / 14P
   High current Speech and Line interface Circuit
logo
Shenzhen Huazhimei Semi...
HM9927 HMSEMI-HM9927 Datasheet
306Kb / 4P
   LED linear constant current drive circuit
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
logo
Panasonic Semiconductor
AN6150 PANASONIC-AN6150 Datasheet
51Kb / 5P
   Speech Network Circuit
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
TEMIC Semiconductors
U4030B TEMIC-U4030B Datasheet
167Kb / 14P
   Telephone Speech Circuit
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com