Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBL385731SOS Datasheet(PDF) 5 Page - Ericsson

Part # PBL385731SOS
Description  Speech Circuit for constant current feeding systems
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL385731SOS Datasheet(HTML) 5 Page - Ericsson

  PBL385731SOS Datasheet HTML 1Page - Ericsson PBL385731SOS Datasheet HTML 2Page - Ericsson PBL385731SOS Datasheet HTML 3Page - Ericsson PBL385731SOS Datasheet HTML 4Page - Ericsson PBL385731SOS Datasheet HTML 5Page - Ericsson PBL385731SOS Datasheet HTML 6Page - Ericsson PBL385731SOS Datasheet HTML 7Page - Ericsson PBL385731SOS Datasheet HTML 8Page - Ericsson PBL385731SOS Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
PBL 385 73
Figure 7. Block connections.
Figure 6. AC-impedance.
Functional description
Design procedure; ref. to fig.4.
The design is made easier through that all
settable parameters are returned to gro-
und (-line), this feature differs it from bridge
type solutions.To set the parameters in the
following order will result in that the
interaction between the same is minimized.
1. Set the circuit impedance to the line,
either resistive (600
Ω) or complex. (R3
and C1). C1 should be big enough to give
low impedance compared with R3 in the
telephone speech frequency band.Too
large C1 will make the start-up slow. See
fig. 6.
2. Set the DC-characteristic that is
required in the PTT specification or in case
of a system telephone,in the PBX
specification (R6).There are also internal
circuit dependent requirements like supply
voltages etc.
3. Set the attac point where the line
length regulation is supposed
to cut in
(R15 and R16). Note that in some countries
the line length regulation is not allowed. In
most cases the end result is better and
more readily achieved by using the line
length regulation (line loss compensation)
than without. See fig. 13.
4. Set the transmitter gain and
frequency response.
5. Set the receiver gain and frequency
response. See text how to limit the max.
swing to the earphone.
6. Adjust the side tone balancing
network.
7. Set
the RFI
suppression
components in case necessary. In two
piece telephones the often ”helically”
wound
cord acts as an aerial. The
microphone input with its high gain is
especially sensitive.
8. Circuit protection. Apart from any
other protection devices used in the de-
sign a good practice is to connect a 15V
1W zener diode across the circuit , from
pin 1 to -Line.
Impedance to the line
The AC- impedance to the line is
set by R3, C1 and C2. Fig.4. The circuits
relatively high parallel impedance will not
influence it to any noticeable extent. At low
frequencies the influence of C1 can not be
neglected. Series resistance of C1 that is
dependent on the temperature and the
quality of the component will cause some
of
the line signal to enter pin 4. This
generates a closed loop in the transmitter
amplifier that in it´s turn will create an
active impedance thus lowering the
impedance to the line. The impedance at
high frequencies is set by C2 that also
acts as a RFI suppressor.
In many specifications the
impedance towards the line is specified as
a complex network. See fig. 6. In case a).
the error signal entering pin 4 is set by the
ratio
≈Rs/R3 (910Ω), where in case b). the
ratio at high frequencies will be Rs/220
because the 820
Ω resistor is bypassed by
a capacitor. To help up this situation the
complex network capacitor is connected
directly to ground, case c). making the ratio
Rs/220
Ω+820Ω and thus lessening the
error signal. Conclusion: Connect like in
case c) when complex impedance is
specified.
DC - characteristic
The DC - characteristic that a
telephone set has to fulfill is mainly given
by the network administrator. Following
parameters are useful to know when the
DC behaviour of the telephone is to be set:
The voltage of the feeding system
The line feeding resistance 2 x.......
ohms.
The maximum current from the line at
zero line length.
The min. current at which the telephone
has to work (basic function).
The lowest and highest voltage
permissible across the telephone set.
The highest voltage that the
telephone may have at different line
currents.
Normally set by the
network owners specification.The
lowest voltage for the telephone is
normally set by the voltages that are
needed for the different parts of the
telephone to function. For ex. for
transmitter output amplifier,
recei-
ver output amplifier, dialler, speech
switching.
1
2
+Line
R3
R6
PBL 38 573
+
3
C1
C2
-Line
Rs
≈1Ω
How to connect a
complex network.
220
Ω+820Ω//Cx
Example:
a)
b)
c)
4
220
820
Cx
+
1
AM
AT
AR
2
Transmitter summing
input
Mute
+ Line
- Line
3
4


Similar Part No. - PBL385731SOS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
PBL385701N ERICSSON-PBL385701N Datasheet
238Kb / 12P
   Universal Speech Circuit
PBL385701SO ERICSSON-PBL385701SO Datasheet
238Kb / 12P
   Universal Speech Circuit
PBL385701SOT ERICSSON-PBL385701SOT Datasheet
238Kb / 12P
   Universal Speech Circuit
PBL38571 ERICSSON-PBL38571 Datasheet
261Kb / 14P
   High current Speech and Line interface Circuit
More results

Similar Description - PBL385731SOS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FC155 SANYO-FC155 Datasheet
114Kb / 4P
   Constant-Current Circuit Applications
logo
Delta Electronics, Inc.
DRL-24V240W1AX DELTA-DRL-24V240W1AX Datasheet
860Kb / 15P
   Built-in constant current circuit for reactive loads
logo
Ericsson
PBL38571 ERICSSON-PBL38571 Datasheet
261Kb / 14P
   High current Speech and Line interface Circuit
logo
Shenzhen Huazhimei Semi...
HM9927 HMSEMI-HM9927 Datasheet
306Kb / 4P
   LED linear constant current drive circuit
logo
Ericsson
PBL38541 ERICSSON-PBL38541 Datasheet
277Kb / 14P
   Universal Speech Circuit
logo
Panasonic Semiconductor
AN6150 PANASONIC-AN6150 Datasheet
51Kb / 5P
   Speech Network Circuit
logo
Unisonic Technologies
UTCL6726 UTC-UTCL6726 Datasheet
186Kb / 12P
   UNIVERSAL SPEECH CIRCUIT
L6726 UTC-L6726_15 Datasheet
328Kb / 13P
   UNIVERSAL SPEECH CIRCUIT
logo
TEMIC Semiconductors
U4030B TEMIC-U4030B Datasheet
167Kb / 14P
   Telephone Speech Circuit
logo
Ericsson
PBL38570 ERICSSON-PBL38570 Datasheet
238Kb / 12P
   Universal Speech Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com