Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP401A-EP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401A-EP
Description  TI PanelBus DIGITAL RECEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP401A-EP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TFP401A-EP Datasheet HTML 6Page - Texas Instruments TFP401A-EP Datasheet HTML 7Page - Texas Instruments TFP401A-EP Datasheet HTML 8Page - Texas Instruments TFP401A-EP Datasheet HTML 9Page - Texas Instruments TFP401A-EP Datasheet HTML 10Page - Texas Instruments TFP401A-EP Datasheet HTML 11Page - Texas Instruments TFP401A-EP Datasheet HTML 12Page - Texas Instruments TFP401A-EP Datasheet HTML 13Page - Texas Instruments TFP401A-EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
tDEL
tDEH
DE
tt(HSC)
tt(FSC)
DE
SCDT
tccs
50%
50%
TX2
TX1
TX0
DFO, ST, PIXS, STAG,
Rx[2:0]+, Rx[2:0]–,
OCK_INV
PD
V
IH
t
p(PDH-V)
twL(PDL_MIN)
PD
VIL
QE[23:0], QO[23:0],
ODCK, DE, CTL[3:1],
HSYNC, VSYNC, SCDT
PD
t
pd(PDL)
V
IL
QE[23:0], QO[23:0],
ODCK, DE, CTL[3:2],
HSYNC, VSYNC
PDO
t
pd(PDOL)
V
IL
TFP401A-Q1
SLDS190 – NOVEMBER 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 7. Delay From PD Low to Hi-Z Outputs
Figure 8. Delay From PDO Low to Hi-Z Outputs
N
N
N
N
Figure 9. Delay From PD Low to High
Figure 10. Minimum Time PD Low
Before Inputs Are Active
N
N
N
N
Figure 11. Analog Input Channel-to-Channel Skew
N
N
Figure 12. Time Between DE Transitions to SCDT Low and SCDT High
N
N
Figure 13. Minimum DE Low and Maximum DE High
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TFP401A-Q1


Similar Part No. - TFP401A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
[Old version datasheet]   TI PanelBus??DIGITAL RECEIVER
TFP401A-EP TI1-TFP401A-EP Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
More results

Similar Description - TFP401A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
[Old version datasheet]   TI PanelBus??DIGITAL RECEIVER
TFP401 TI-TFP401 Datasheet
303Kb / 19P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
[Old version datasheet]   TFP401x TI PanelBus Digital Receiver
TFP513 TI-TFP513 Datasheet
424Kb / 29P
[Old version datasheet]   TI PANELBUS DIGITAL TRANSMITTER
SLDS145B TI-SLDS145B Datasheet
544Kb / 29P
[Old version datasheet]   TFP410 TI PanelBus DIGITAL TRANSMITTER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
   PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401 TI1-TFP401_18 Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
TFP503 TI-TFP503 Datasheet
445Kb / 27P
[Old version datasheet]   PANELBUS HDCP DIGITAL RECEIVER
TFP501 TI-TFP501 Datasheet
374Kb / 24P
[Old version datasheet]   PANELBUS HDCP DIGITAL RECEIVER
TFP410 TI1-TFP410_V01 Datasheet
3Mb / 42P
[Old version datasheet]   TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com