Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP401A-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401A-EP
Description  TI PanelBus DIGITAL RECEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP401A-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TFP401A-EP Datasheet HTML 2Page - Texas Instruments TFP401A-EP Datasheet HTML 3Page - Texas Instruments TFP401A-EP Datasheet HTML 4Page - Texas Instruments TFP401A-EP Datasheet HTML 5Page - Texas Instruments TFP401A-EP Datasheet HTML 6Page - Texas Instruments TFP401A-EP Datasheet HTML 7Page - Texas Instruments TFP401A-EP Datasheet HTML 8Page - Texas Instruments TFP401A-EP Datasheet HTML 9Page - Texas Instruments TFP401A-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
TFP401A-Q1
SLDS190 – NOVEMBER 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
DVDD, AVDD, OVDD,
Supply-voltage range
–0.3
4
V
PVDD
VI
Input-voltage range, logic and analog signals
–0.3
4
V
Operating ambient temperature range
-40
85
°C
Tstg
Storage temperature range
–65
150
°C
Soldered(2)
4.3
Package power dissipation,
W
PowerPAD package
Not soldered(3)
2.7
Human Body Model (HBM) AEC-Q100 Classification Level H2
2
kV
ESD rating
Charged Device Model (CDM) AEC-Q100 750 V Classification Level C3B
750
mA
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Specified with PowerPAD bond pad on the backside of the package soldered to a 2-oz. (0.071-mm thick) Cu plate PCB thermal plane.
Specified at maximum allowed operating temperature, 70°C.
(3)
PowerPAD bond pad on the backside of the package is not soldered to a thermal plane. Specified at maximum allowed operating
temperature, 70°C.
THERMAL INFORMATION
TFP401A-Q1
THERMAL METRIC(1)
PZP
UNIT
100 PINS
θJA
Junction-to-ambient thermal resistance
26
°C/W
θJCtop
Junction-to-case (top) thermal resistance
12.3
°C/W
θJB
Junction-to-board thermal resistance
7.3
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.2
°C/W
θJCbot
Junction-to-case (bottom) thermal resistance
1.6
°C/W
spacer
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VDD (DVDD, AVDD, PVDD, OVDD) Supply voltage
3
3.3
3.6
V
tpix
(1)
Pixel time
6.06
40
ns
Rt
Single-ended analog-input termination resistance
45
50
55
TA
Operating free-air temperature
0
25
70
°C
(1)
tpix is the pixel time defined as the period of the RxC clock input. The period of the output clock, ODCK is equal to tpix when in 1-
pixel/clock mode and 2tpix when in 2-pixel/clock mode.
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links :TFP401A-Q1


Similar Part No. - TFP401A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
[Old version datasheet]   TI PanelBus??DIGITAL RECEIVER
TFP401A-EP TI1-TFP401A-EP Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
More results

Similar Description - TFP401A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
[Old version datasheet]   TI PanelBus??DIGITAL RECEIVER
TFP401 TI-TFP401 Datasheet
303Kb / 19P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
[Old version datasheet]   TFP401x TI PanelBus Digital Receiver
TFP513 TI-TFP513 Datasheet
424Kb / 29P
[Old version datasheet]   TI PANELBUS DIGITAL TRANSMITTER
SLDS145B TI-SLDS145B Datasheet
544Kb / 29P
[Old version datasheet]   TFP410 TI PanelBus DIGITAL TRANSMITTER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
   PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401 TI1-TFP401_18 Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
TFP503 TI-TFP503 Datasheet
445Kb / 27P
[Old version datasheet]   PANELBUS HDCP DIGITAL RECEIVER
TFP501 TI-TFP501 Datasheet
374Kb / 24P
[Old version datasheet]   PANELBUS HDCP DIGITAL RECEIVER
TFP410 TI1-TFP410_V01 Datasheet
3Mb / 42P
[Old version datasheet]   TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com