Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T90H5D12-20-01 Datasheet(PDF) 3 Page - Tyco Electronics

Part # T90H5D12-20-01
Description  T90 Series, 30A PCB Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

T90H5D12-20-01 Datasheet(HTML) 3 Page - Tyco Electronics

  T90H5D12-20-01 Datasheet HTML 1Page - Tyco Electronics T90H5D12-20-01 Datasheet HTML 2Page - Tyco Electronics T90H5D12-20-01 Datasheet HTML 3Page - Tyco Electronics T90H5D12-20-01 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
02-2014, Rev. 0214
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
Potter & Brumfield
T90 Series, 30A PCB Relay (Continued)
Potter & Brumfield
Product code structure
Typical product code
T90
S
5
D
1
2
-24
Type
T90 Power PCB relay T90
Enclosure
N
Open, no enclosure (snap-on dust cover available as an option)
S
Wash-tight, sealed plastic case with knock off nib for ventilation
Contact arrangement
1
1 form A (1 NO)
2
1 form B (1 NC)
5
1 form C (1 CO)
Coil Input
D
DC voltage
Mounting and termination
1
PCB terminals
4
PCB terminals, no common terminal between coil terminals (see PCB layout/terminal assignment drawing)
Note: Terminal code 4 recommended for UL 873 applications. Consult factory for use of terminal code 1 for UL 873 applications.
Contact material
2
AgCdO
Coil voltage
Coil code: please refer to coil versions table
Product Code
Enclosure
Contacts
Terminals
Contact Material
Coil
Part Number
 T90N1D12-5
open, no cover
1 form A, 1 NO
PCB
AgCdO
5 VDC
7-1393208-4 
 T90N1D12-9
9 VDC
7-1393208-5 
 T90N1D12-12
12 VDC
6-1393208-5 
 T90N1D12-18
18 VDC
6-1393208-8 
 T90N1D12-24
24 VDC
7-1393208-0 
 T90N1D12-48
48 VDC
7-1393208-3 
 T90N1D12-110
110 VDC
6-1393208-4 
 T90N1D42-12
PCB, no extra COM
12 VDC
7-1393208-7 
 T90N1D42-24
24 VDC
7-1393208-9 
 T90N5D12-5
1 form C, 1 CO
PCB
5 VDC
9-1393208-5 
 T90N5D12-12
12 VDC
8-1393208-6 
 T90N5D12-18
18 VDC
9-1393208-0 
 T90N5D12-24
24 VDC
9-1393208-3 
 T90N5D12-48
48 VDC
9-1393208-4 
 T90N5D12-110
110 VDC
8-1393208-5 
 T90N5D42-12
PCB, no extra COM
12VDC
9-1393208-9 
 T90N5D42-24
24 VDC
1393209-2 
 T90S1D12-5
wash tight
1 form A, 1 NO
PCB
5 VDC
1-1393209-8 
 T90S1D12-6
6 VDC
1-1393209-9 
 T90S1D12-9
9 VDC
2-1393209-0 
 T90S1D12-12
12 VDC
1-1393209-2 
 T90S1D12-18
18 VDC
1-1393209-3 
 T90S1D12-24
24 VDC
1-1393209-6 
 T90S1D42-12
PCB, no extra COM
12 VDC
2-1393209-2 
 T90S1D42-24
24 VDC
2-1393209-5 
 T90S1D42-48
48 VDC
2-1393209-6 
 T90S5D12-5
1 form C, 1 CO
PCB
5 VDC
3-1393209-4 
 T90S5D12-12
12 VDC
2-1393209-8 
 T90S5D12-18
18 VDC
3-1393209-0 
 T90S5D12-24
24 VDC
3-1393209-1 
 T90S5D12-48
48 VDC
3-1393209-3 
 T90S5D42-12
PCB, no extra COM
12 VDC
1423094-1 
 T90S5D42-18
18 VDC
3-1393209-8 
 T90S5D42-24
24 VDC
4-1393209-0 
General Purpose
High Power PCB Relays


Similar Part No. - T90H5D12-20-01

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
T90 DBLECTRO-T90 Datasheet
335Kb / 3P
   Small size, light weight. Low coil power consumption, heavy contact load. Strong anti-shock and anti-vibration, high reliability, long life.
logo
EUROQUARTZ limited
T90 EUROQUARTZ-T90 Datasheet
141Kb / 1P
   Rugged construction CMOS/PECL/Sinewave 9 x 7.5 x 4mm SMD
logo
TE Connectivity Ltd
T90 TEC-T90 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
logo
List of Unclassifed Man...
T90 ETC2-T90 Datasheet
572Kb / 2P
   Suitable for automobile, machine, electronic equipment, air conditioner and household appliances applications.
logo
Fluke Corporation
T90 FLUKE-T90 Datasheet
1Mb / 4P
   Voltage Continuity Tester
More results

Similar Description - T90H5D12-20-01

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393209-2 MACOM-2-1393209-2 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-7 MACOM-2-1393209-7 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-1 MACOM-2-1393209-1 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
T90S1D12-24 MACOM-T90S1D12-24 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-0 MACOM-2-1393209-0 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-5 MACOM-2-1393209-5 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-6 MACOM-2-1393209-6 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-8 MACOM-2-1393209-8 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
logo
TE Connectivity Ltd
T9G TEC-T9G Datasheet
812Kb / 5P
   T9G series, DC coil 30A PCB Relay
logo
Tyco Electronics
2-1419104-0 MACOM-2-1419104-0 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com