Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TACL106003TA Datasheet(PDF) 3 Page - AVX Corporation

Part # TACL106003TA
Description  The world?셲 smallest surface mount tantalum capacitor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TACL106003TA Datasheet(HTML) 3 Page - AVX Corporation

  TACL106003TA Datasheet HTML 1Page - AVX Corporation TACL106003TA Datasheet HTML 2Page - AVX Corporation TACL106003TA Datasheet HTML 3Page - AVX Corporation TACL106003TA Datasheet HTML 4Page - AVX Corporation TACL106003TA Datasheet HTML 5Page - AVX Corporation TACL106003TA Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
28
APRIL 2014
RATINGS & PART NUMBER REFERENCE
Rated
Rated
Category
Category
DCL
DF
ESR
100kHz RMS Current (mA)
Product
AVX
Case Capacitance
Voltage
Temperature Voltage
Temperature
(μA)
%
Max. (Ω)
MSL
25ºC
85ºC
125ºC
Category
Part No.
Size
(μF)
(V)
(ºC)
(V)
(ºC)
Max.
Max.
@ 100kHz
2.5 Volt @ 85°C
TACK335*002#TA
K
3.3
2
85
1.3
125
0.5
8
15
1
32
28
13
3
TACL335*002#TA
L
3.3
2
85
1.3
125
0.5
6
7.5
1
58
52
23
2
TACK475*002#TA
K
4.7
2
85
1.3
125
0.5
12
15
1
32
28
13
3
TACL475*002#TA
L
4.7
2
85
1.3
125
0.5
6
7.5
1
58
52
23
1
TACK685*002#TA
K
6.8
2
85
1.3
125
0.5
20
15
1
32
28
13
3
TACL685*002#TA
L
6.8
2
85
1.3
125
0.5
6
7.5
1
58
52
23
2
TACK106*002#TA
K
10
2
85
1.3
125
0.5
15
15
1
32
28
13
3
TACL106*002#TA
L
10
2
85
1.3
125
0.5
10
7.5
1
58
52
23
3
TACR226*002#TA
R
22
2
85
1.3
125
0.5
8
5
1
95
85
38
1
TACR336*002#TA
R
33
2
85
1.3
125
0.7
10
5
1
95
85
38
2
TACR476*002#TA
R
47
2
85
1.3
125
0.9
10
5
1
95
85
38
2
TACR686*002#TA
R
68
2
85
1.3
125
1.4
14
5
1
95
85
38
2
TACA157*002#TA
A
150
2
85
1.3
125
3
20
1
1
200
180
80
2
3 Volt @ 85°C
TACK225*003#TA
K
2.2
3
85
2
125
0.5
6
15
1
32
28
13
2
TACL225*003#TA
L
2.2
3
85
2
125
0.5
6
7.5
1
58
52
23
1
TACK335*003#TA
K
3.3
3
85
2
125
0.5
8
15
1
32
28
13
3
TACL335*003#TA
L
3.3
3
85
2
125
0.5
6
7.5
1
58
52
23
2
TACK475*003#TA
K
4.7
3
85
2
125
0.5
12
15
1
32
28
13
3
TACL475*003#TA
L
4.7
3
85
2
125
0.5
6
7.5
1
58
52
23
1
TACL685*003#TA
L
6.8
3
85
2
125
0.5
6
7.5
1
58
52
23
2
TACL106*003#TA
L
10
3
85
2
125
0.5
10
7.5
1
58
52
23
3
TACR156*003#TA
R
15
3
85
2
125
0.5
8
5
1
95
85
38
1
TACL226*003#TA
L
22
3
85
2
125
0.7
20
7.5
1
58
52
23
3
TACR226*003#TA
R
22
3
85
2
125
0.7
8
5
1
95
85
38
1
TACR336*003#TA
R
33
3
85
2
125
1
10
5
1
95
85
38
2
TACR476*003#TA
R
47
3
85
2
125
1.5
10
5
1
95
85
38
2
TACA686*003#TA
A
68
3
85
2
125
2
15
2
1
141
127
57
1
TACR686*003#TA
R
68
3
85
2
125
2
14
5
1
95
85
38
3
TACA107*003#TA
A
100
3
85
2
125
3
15
1
1
200
180
80
2
TACR107*003#TA
R
100
3
85
2
125
3
30
5
1
95
85
38
3
4 Volt @ 85°C
TACL155*004#TA
L
1.5
4
85
2.7
125
0.5
6
7.5
1
58
52
23
1
TACL225*004#TA
L
2.2
4
85
2.7
125
0.5
6
7.5
1
58
52
23
1
TACL335*004#TA
L
3.3
4
85
2.7
125
0.5
6
7.5
1
58
52
23
2
TACL475*004#TA
L
4.7
4
85
2.7
125
0.5
6
7.5
1
58
52
23
1
TACL685*004#TA
L
6.8
4
85
2.7
125
0.5
8
7.5
1
58
52
23
2
TACL106*004#TA
L
10
4
85
2.7
125
0.5
10
7.5
1
58
52
23
2
TACR106*004#TA
R
10
4
85
2.7
125
0.5
8
5
1
95
85
38
1
TACL156*004#TA
L
15
4
85
2.7
125
0.6
20
7.5
1
58
52
23
3
TACR156*004#TA
R
15
4
85
2.7
125
0.6
8
5
1
95
85
38
1
TACL226*004#TA
L
22
4
85
2.7
125
0.9
20
7.5
1
58
52
23
3
TACR226*004#TA
R
22
4
85
2.7
125
0.9
8
5
1
95
85
38
1
TACR336*004#TA
R
33
4
85
2.7
125
1.3
10
5
1
95
85
38
2
TACR476*004#TA
R
47
4
85
2.7
125
1.9
14
5
1
95
85
38
3
TACA686*004#TA
A
68
4
85
2.7
125
2.7
15
1
1
200
180
80
1
TACA107*004#TA
A
100
4
85
2.7
125
4
20
1
1
200
180
80
2
TACR107*004#TA
R
100
4
85
2.7
125
4
30
5
1
95
85
38
3
6.3 Volt @ 85°C
TACK105*006#TA
K
1
6.3
85
4
125
0.5
6
15
1
32
28
13
2
TACL105*006#TA
L
1
6.3
85
4
125
0.5
6
7.5
1
58
52
23
1
TACL155*006#TA
L
1.5
6.3
85
4
125
0.5
6
7.5
1
58
52
23
1
TACK225*006#TA
K
2.2
6.3
85
4
125
0.5
8
15
1
32
28
13
3
TACL225*006#TA
L
2.2
6.3
85
4
125
0.5
6
7.5
1
58
52
23
1
TACL335*006#TA
L
3.3
6.3
85
4
125
0.5
6
7.5
1
58
52
23
2
TACL475*006#TA
L
4.7
6.3
85
4
125
0.5
8
7.5
1
58
52
23
2
TACL685*006#TA
L
6.8
6.3
85
4
125
0.5
10
7.5
1
58
52
23
2
TACR685*006#TA
R
6.8
6.3
85
4
125
0.5
8
5
1
95
85
38
1
TACL106*006#TA
L
10
6.3
85
4
125
0.6
10
6
1
65
58
26
2
TACR106*006#TA
R
10
6.3
85
4
125
0.6
8
5
1
95
85
38
1
TACL156*006#TA
L
15
6.3
85
4
125
0.9
20
7.5
1
58
52
23
3
TACR156*006#TA
R
15
6.3
85
4
125
0.9
8
5
1
95
85
38
1
TACR226*006#TA
R
22
6.3
85
4
125
1.4
10
5
1
95
85
38
1
TACR336*006#TA
R
33
6.3
85
4
125
2.1
12
5
1
95
85
38
2
TACA476*006#TA
A
47
6.3
85
4
125
3
15
1
1
200
180
80
1
TACR476*006#TA
R
47
6.3
85
4
125
3
20
5
1
95
85
38
3
TACA107*006#TA
A
100
6.3
85
4
125
6.3
20
1
1
200
180
80
2
10 Volt @ 85°C
TACK154*010#TA
K
0.15
10
85
7
125
0.5
6
40
1
19
17
8
1
TACK224*010#TA
K
0.22
10
85
7
125
0.5
6
30
1
22
20
9
1
TACmicrochip
®
Standard Microchip


Similar Part No. - TACL106003TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACL106003TA AVX-TACL106003TA Datasheet
115Kb / 3P
   TACmicrochip짰 Standard Microchip
More results

Similar Description - TACL106003TA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TACL106M006XTA AVX-TACL106M006XTA Datasheet
114Kb / 3P
   The world?셲 smallest surface mount tantalum capacitor
logo
Omron Electronics LLC
G6KU-2G-Y-TR-DC3 OMRON-G6KU-2G-Y-TR-DC3 Datasheet
1Mb / 9P
   Surface Mounting Relay with the World?셲 Smallest Mounting Area
logo
Murata Manufacturing Co...
IRS-B340ST02 MURATA-IRS-B340ST02 Datasheet
1,001Kb / 20P
   Smallest and Thinnest in the World! Developing Surface Mount Smallest and Thinnest in the World! Developing Surface Mount
logo
TEMEX
RFPO45 TEMEX-RFPO45 Datasheet
407Kb / 2P
   The RFPO45 is from the world?셲 smallest and first
logo
PIC GmbH
PLS-020A-3 PIC-PLS-020A-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
PLS-020B-3 PIC-PLS-020B-3 Datasheet
39Kb / 2P
   World?셲 smallest magnetic Level Sensor
logo
STATEK CORPORATION
CXOQ STATEK-CXOQ_10 Datasheet
2Mb / 2P
   One of the World?셲 Smallest and Highest Precision Crystal Oscillators
logo
TEMEX
RFPO40 TEMEX-RFPO40 Datasheet
260Kb / 2P
   The RFPO40 is from the world?셲 smallest and first ASIC.based OCXO product
logo
PhaseLink Corporation
PL611S-02 PLL-PL611S-02 Datasheet
215Kb / 8P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
PL611S-28 PLL-PL611S-28 Datasheet
324Kb / 9P
   1.8V-3.3V PicoPLLTM, World?셲 Smallest Programmable Clock
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com