Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42226-0155 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 42226-0155
Description  KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 15 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

42226-0155 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  42226-0155 Datasheet HTML 1Page - Molex Electronics Ltd. 42226-0155 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42226-0155
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42226-001, SD-42226-002
This document was generated on 02/25/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 42226-0155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42226-0155 MOLEX2-42226-0155 Datasheet
231Kb / 9P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Right Angle, with Plastic Polarizing Peg, 15 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, with Kinked PC Tails
More results

Similar Description - 42226-0155

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-2135 MOLEX11-22-28-2135 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 13 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2255 MOLEX11-22-28-2255 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 25 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2295 MOLEX11-22-28-2295 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 29 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2025 MOLEX11-22-28-2025 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 2 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2045 MOLEX11-22-28-2045 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 4 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2105 MOLEX11-22-28-2105 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 10 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2115 MOLEX11-22-28-2115 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 11 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2145 MOLEX11-22-28-2145 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 14 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2215 MOLEX11-22-28-2215 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 21 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
22-28-2195 MOLEX11-22-28-2195 Datasheet
60Kb / 2P
   KK짰 254 Breakaway Header, Right-Angle, with Plastic Polarizing Peg, 19 Circuits, 0.38關m Gold (Au) Selective Plating, with Kinked PC Tails
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com